Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8139 Datasheet (PDF) - Analog Devices

AD8139 Datasheet PDF - Analog Devices
Part # AD8139
Download  AD8139 Download
File Size   542.32 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Rail-to-Rail, Differential ADC Driver

AD8139 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8139 Datasheet PDF - Analog Devices

Part # AD8139
Download  AD8139 Click to download

File Size   542.32 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Rail-to-Rail, Differential ADC Driver

AD8139 Datasheet (HTML) - Analog Devices


AD8139 Product details

FEATURES
Fully differential
Low noise
2.25 nV/√Hz
2.1 pA/√Hz
Low harmonic distortion
98 dBc SFDR at 1 MHz
85 dBc SFDR at 5 MHz
72 dBc SFDR at 20 MHz
High speed
410 MHz, 3 dB BW (G = 1)
800 V/μs slew rate
45 ns settling time to 0.01%
69 dB output balance at 1 MHz
80 dB dc CMRR
Low offset: ±0.5 mV maximum
Low input offset current: 0.5 μA maximum
Differential input and output
Differential-to-differential or single-ended-to-differential operation
Rail-to-rail output
Adjustable output common-mode voltage
Wide supply voltage range: 5 V to 12 V
Available in a small SOIC package and an 8-lead LFCSP
APPLICATIONS
ADC drivers to 18 bits
Single-ended-to-differential converters
Differential filters
Level shifters
Differential PCB drivers
Differential cable drivers




Similar Part No. - AD8139

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8139 AD-AD8139 Datasheet
720Kb / 24P
Low Noise Rail-to-Rail Differential ADC Driver
8/04-Data Sheet Changed from a Rev. 0 to Rev. A.
AD8139 AD-AD8139 Datasheet
685Kb / 24P
Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
331Kb / 8P
Differential Amplifier Evaluation Board for Single 8-lead LFCSP Packages
REV. A
AD8139 AD-AD8139 Datasheet
939Kb / 16P
Matched Resistor Network for Precision Amplifiers
AD8139ACP-EBZ AD-AD8139ACP-EBZ Datasheet
613Kb / 27P
Low Noise, Rail-to-Rail, Differential ADC Driver
REV. C
More results


Similar Description - AD8139

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8139 AD-AD8139 Datasheet
720Kb / 24P
Low Noise Rail-to-Rail Differential ADC Driver
8/04-Data Sheet Changed from a Rev. 0 to Rev. A.
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LTC6405 LINER-LTC6405_15 Datasheet
442Kb / 26P
2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Analog Devices
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
Low Noise, Rail-to-Rail, Differential ADC Driver
REV. C
logo
Linear Technology
ADA4899-1 LINER-ADA4899-1 Datasheet
250Kb / 4P
Rail-to-Rail SAR ADC Driver Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com