Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8546 Datasheet (PDF) - Analog Devices

AD8546 Datasheet PDF - Analog Devices
Part # AD8546_V01
Download  AD8546 Download
File Size   709.49 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 22 μA, RRIO, CMOS, 18 V Operational Amplifier

AD8546 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8546 Datasheet PDF - Analog Devices

Part # AD8546_V01
Download  AD8546 Click to download

File Size   709.49 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 22 μA, RRIO, CMOS, 18 V Operational Amplifier

AD8546 Datasheet (HTML) - Analog Devices


AD8546 Product details

FEATURES Micropower at high voltage (18 V): 22 μA maximum Low input bias current: 20 pA maximum
Gain bandwidth product: 240 kHz at AV =100 typical
Unity-gain crossover: 240 kHz −3 dB closed-loop bandwidth: 310 kHz Slew rate: 80 V/ms
Large signal voltage gain: 110 dB minimum Single-supply operation: 2.7 V to 18 V Dual-supply operation: ±1.35 V to ±9 V Unity-gain stable
Excellent electromagnetic interference immunity APPLICATIONS
Portable medical equipment Remote sensors
Transimpedance amplifiers Current monitors
4 mA to 20 mA loop drivers
Buffer/level shifting




Similar Part No. - AD8546_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8546ARMZ AD-AD8546ARMZ Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8546ARMZ-R7 AD-AD8546ARMZ-R7 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8546ARMZ-RL AD-AD8546ARMZ-RL Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8546 AD-AD8546_12 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
More results


Similar Description - AD8546_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8657 AD-AD8657 Datasheet
1Mb / 24P
18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. 0
AD8546 AD-AD8546_12 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8657 AD-AD8657_11 Datasheet
677Kb / 24P
18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
AD8659ARZ AD-AD8659ARZ Datasheet
719Kb / 24P
22 mu A, RRIO, CMOS,18 V Operational Amplifiers
REV. B
ADA4661-2 AD-ADA4661-2 Datasheet
904Kb / 32P
18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
REV. 0
ADA4666-2 AD-ADA4666-2 Datasheet
896Kb / 32P
18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
REV. 0
logo
Texas Instruments
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
RRIO, CMOS Input, Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
logo
Analog Devices
ADA4661-2-KGD AD-ADA4661-2-KGD Datasheet
260Kb / 11P
18 V, Precision, 725 μA, 4 MHz, CMOS RRIO Operational
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com