Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1880 Datasheet (PDF) - Analog Devices

LT1880 Datasheet PDF - Analog Devices
Part # LT1880
Download  LT1880 Download
File Size   764.43 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23

LT1880 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1880 Datasheet PDF - Analog Devices

Part # LT1880
Download  LT1880 Click to download

File Size   764.43 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23

LT1880 Datasheet (HTML) - Analog Devices


LT1880 Product details

Features
Applications
n Rail-to-Rail Input and Output
n Small SOT-23 Package
n Gain Bandwidth Product: 10MHz
n –40°C to 85°C Operation
n Slew Rate: 2.25V/μs
n Low Input Offset Voltage: 1.5mV Max
n High Output Current: 25mA Min
n Specified on 3V, 5V and ±5V Supplies
n High Voltage Gain: 1000V/mV 10k Load
n High CMRR: 96dB Typ
n High PSRR: 90dB Typ
n Input Bias Current: 300nA Max
n Input Offset Current: 25nA Max
n Low Profile (1mm) SOT-23 (ThinSOT™) Package
n Portable Instrumentation
n Rail-to-Rail Buffer Amplifiers
n Low Voltage Signal Processing
n Driving A/D Converters
n Battery-Powered Systems




Similar Part No. - LT1880

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1880 LINER-LT1880 Datasheet
240Kb / 12P
SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1880 LINER-LT1880 Datasheet
392Kb / 38P
Precision Micropower RMS-to-DC Converter
LT1880 LINER-LT1880 Datasheet
233Kb / 12P
SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1880CS5 LINER-LT1880CS5 Datasheet
240Kb / 12P
SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1880IS5 LINER-LT1880IS5 Datasheet
240Kb / 12P
SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
More results


Similar Description - LT1880

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1880 LINER-LT1880 Datasheet
240Kb / 12P
SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1797 LINER-LT1797_1 Datasheet
194Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com