Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JT010N065SED Datasheet (PDF) - JILIN SINO-MICROELECTRONICS CO., LTD.

JT010N065SED Datasheet PDF - JILIN SINO-MICROELECTRONICS CO., LTD.
Part # JT010N065SED
Download  JT010N065SED Download
File Size   1077.96 Kbytes
Page   15 Pages
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.
Description N-CHANNEL IGBT

JT010N065SED Datasheet (PDF)

Go To PDF Page Download Datasheet
JT010N065SED Datasheet PDF - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JT010N065SED
Download  JT010N065SED Click to download

File Size   1077.96 Kbytes
Page   15 Pages
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.
Description N-CHANNEL IGBT

JT010N065SED Datasheet (HTML) - JILIN SINO-MICROELECTRONICS CO., LTD.


JT010N065SED Product details

APPLICATIONS
General purpose inverters
UPS

FEATURES
Low gate charge
Trench FS Technology,
 saturation voltage:
VCE(sat), typ = 1.5V,IC= 10A
and TC = 25°C
RoHS product




Similar Part No. - JT010N065SED

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JT010N060CAD JSMC-JT010N060CAD Datasheet
724Kb / 9P
General purpose inverters
JT010N060CAD-C-O-N-B JSMC-JT010N060CAD-C-O-N-B Datasheet
724Kb / 9P
General purpose inverters
JT010N060SAD-S-O-N-B JSMC-JT010N060SAD-S-O-N-B Datasheet
724Kb / 9P
General purpose inverters
More results


Similar Description - JT010N065SED

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH23N60UF FAIRCHILD-SGH23N60UF Datasheet
246Kb / 7P
N-CHANNEL IGBT
logo
ON Semiconductor
NGTG12N60TF1G ONSEMI-NGTG12N60TF1G Datasheet
395Kb / 7P
N-Channel IGBT
October, 2013
TIG074E8 ONSEMI-TIG074E8 Datasheet
78Kb / 6P
N-Channel IGBT
NGTB10N60FG ONSEMI-NGTB10N60FG Datasheet
406Kb / 6P
N-Channel IGBT
April, 2014
NGTB20N60L2TF1G ONSEMI-NGTB20N60L2TF1G Datasheet
444Kb / 8P
N-Channel IGBT
August, 2013
NGTB30N60L2WG ONSEMI-NGTB30N60L2WG Datasheet
765Kb / 8P
N-Channel IGBT
August, 2014
NGTG20N60L2TF1G ONSEMI-NGTG20N60L2TF1G Datasheet
403Kb / 7P
N-Channel IGBT
September, 2013
TIG056BF ONSEMI-TIG056BF Datasheet
223Kb / 6P
N-Channel IGBT
July, 2013
TIG058E8 ONSEMI-TIG058E8 Datasheet
380Kb / 7P
N-Channel IGBT
September, 2013
logo
JILIN SINO-MICROELECTRO...
JT015N065FED JSMC-JT015N065FED Datasheet
309Kb / 6P
N-CHANNEL IGBT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com