Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS7N70SC-S-AR Datasheet (PDF) - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS7N70SC-S-AR Datasheet PDF - JILIN SINO-MICROELECTRONICS CO., LTD.
Part # JCS7N70SC-S-AR
Download  JCS7N70SC-S-AR Download
File Size   1736.58 Kbytes
Page   16 Pages
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.
Description N-CHANNEL MOSFET

JCS7N70SC-S-AR Datasheet (PDF)

Go To PDF Page Download Datasheet
JCS7N70SC-S-AR Datasheet PDF - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS7N70SC-S-AR
Download  JCS7N70SC-S-AR Click to download

File Size   1736.58 Kbytes
Page   16 Pages
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.
Description N-CHANNEL MOSFET

JCS7N70SC-S-AR Datasheet (HTML) - JILIN SINO-MICROELECTRONICS CO., LTD.


JCS7N70SC-S-AR Product details

APPLICATIONS
 High frequency switching
mode power supply
 Electronic ballast
 UPS

FEATURES
Low gate charge
Low Crss (typical 14pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product




Similar Part No. - JCS7N70SC-S-AR

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS7N120A JSMC-JCS7N120A Datasheet
783Kb / 9P
N-CHANNEL MOSFET
202305A
JCS7N120ABA-GD-B JSMC-JCS7N120ABA-GD-B Datasheet
783Kb / 9P
N-CHANNEL MOSFET
202305A
JCS7N120ABA-GD-BR JSMC-JCS7N120ABA-GD-BR Datasheet
783Kb / 9P
N-CHANNEL MOSFET
202305A
JCS7N120WA-GE-B JSMC-JCS7N120WA-GE-B Datasheet
783Kb / 9P
N-CHANNEL MOSFET
202305A
JCS7N120WA-GE-BR JSMC-JCS7N120WA-GE-BR Datasheet
783Kb / 9P
N-CHANNEL MOSFET
202305A
More results


Similar Description - JCS7N70SC-S-AR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com