Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1189 Datasheet (PDF) - Analog Devices

LT1189 Datasheet PDF - Analog Devices
Part # LT1189
Download  LT1189 Download
File Size   586.7 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power Video Difference Amplifier

LT1189 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1189 Datasheet PDF - Analog Devices

Part # LT1189
Download  LT1189 Click to download

File Size   586.7 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power Video Difference Amplifier

LT1189 Datasheet (HTML) - Analog Devices


LT1189 Product details

FEATURES
APPLICATIONS
nn Differential or Single-Ended Gain Block (Adjustable)
nn –3dB Bandwidth, AV = ±2: 50MHz
nn Slew Rate: 165V/μs
nn Low Supply Current: 13mA
nn Output Current: ±20mA
nn CMRR at 10MHz: 40dB
nn LT1193 Pin Compatible
nn Low Cost
nn Single 5V Operation
nn Drives Cables Directly
nn Output Shutdown
nn Available in 8-Lead PDIP and SO Packages
nn Line Receivers
nn Video Signal Processing
nn Cable Drivers
nn Tape and Disc Drive Systems




Similar Part No. - LT1189

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1189 LINER-LT1189 Datasheet
349Kb / 12P
Low Power Video Difference Amplifier
LT1189 LINER-LT1189 Datasheet
316Kb / 12P
Low Power Video Difference Amplifier
LT1189C LINER-LT1189C Datasheet
349Kb / 12P
Low Power Video Difference Amplifier
LT1189CJ8 LINER-LT1189CJ8 Datasheet
349Kb / 12P
Low Power Video Difference Amplifier
LT1189CN8 LINER-LT1189CN8 Datasheet
349Kb / 12P
Low Power Video Difference Amplifier
More results


Similar Description - LT1189

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
Low Power Video Difference Amplifier
LT1189 LINER-LT1189 Datasheet
349Kb / 12P
Low Power Video Difference Amplifier
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
Video Difference Amplifier?
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
Video Difference Amplifier
LT1187 LINER-LT1187_15 Datasheet
420Kb / 16P
Low Power Video Difference Amplifi er
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
Low Power Video Difference Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com