Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9243QK Datasheet (PDF) - Infineon Technologies AG

TLE9243QK Datasheet PDF - Infineon Technologies AG
Part # TLE9243QK
Download  TLE9243QK Download
File Size   1234.89 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Transmission power management IC

TLE9243QK Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE9243QK Datasheet PDF - Infineon Technologies AG

Part # TLE9243QK
Download  TLE9243QK Click to download

File Size   1234.89 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Transmission power management IC

TLE9243QK Datasheet (HTML) - Infineon Technologies AG


TLE9243QK Product details

Key features
›Serial step-up and step-down pre-regulator with wide input voltage range from 3.0 to 40 V
›5 V low drop voltage regulators for MCU and communication supply
›5 V high accuracy voltage reference
›Two 5 V voltage trackers for sensor supply
›Voltage, current, clock and temperature monitoring with reaction and indication functions
›Configurable window and functional watchdog
›32-bit 10 MHz SPI with 8-bit CRC
›Three high-side drivers to control external n-channel MOSFETs
›Three 9 V low drop voltage regulators for wheel speed sensor supply
›Three channel wheel speed sensor interface
›Voltage battery switch to reduce quiescent current

Key benefits
›Integrated transmission system specific features allowing system cost optimization
›Developed acc. to ISO 26262 enabling systems up to ASIL D
›AEC Q-100 Grade 0 qualified




Similar Part No. - TLE9243QK

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9241QU INFINEON-TLE9241QU Datasheet
723Kb / 9P
Getting started TLE9241QU EvalKit Transmission IO IC
2021-03-30
TLE92464ED INFINEON-TLE92464ED Datasheet
4Mb / 117P
Four channel low-side solenoid driver IC
Rev. 1.1 2020-11-20
TLE92464EDHP INFINEON-TLE92464EDHP Datasheet
4Mb / 97P
High accuracy four channel low-side solenoid driver IC Quality Requirement Category: Automotive
Rev. 1.0 2021-12-15
TLE92466ED INFINEON-TLE92466ED Datasheet
5Mb / 120P
Six channel low-side solenoid driver IC
Rev. 1.0 2020-11-20
More results


Similar Description - TLE9243QK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
Power management switch IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
Power Management IC
October, 2015 ??Rev. 0
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
Power Management IC
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
SHENZHEN FUMAN ELECTRON...
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
Mobile Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com