Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4106 Datasheet (PDF) - Maxim Integrated Products

DS4106 Datasheet PDF - Maxim Integrated Products
Part # DS4106
Download  DS4106 Download
File Size   123.78 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 106.25MHz/212.5MHz/425MHz Clock Oscillators

DS4106 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS4106 Datasheet PDF - Maxim Integrated Products

Part # DS4106
Download  DS4106 Click to download

File Size   123.78 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 106.25MHz/212.5MHz/425MHz Clock Oscillators

DS4106 Datasheet (HTML) - Maxim Integrated Products


DS4106 Product details

General Description

The DS4106, DS4212, and DS4425 ceramic surface mount crystal oscillators are part of Maxim’s DS4-XO series of crystal oscillators. These devices offer output frequencies at 106.25MHz, 212.5MHz, and 425MHz. The clock oscillators are suited for systems with tight tolerances because of the jitter, phase noise, and stability performance. The small package provides a format made for applications where PCB space is critical.



Features

♦ Clock Output Frequencies:

DS4106: 106.25MHz

DS4212: 212.50MHz

DS4425: 425.00MHz

♦ Phase Jitter (RMS): 0.9ps Typical

♦ LVPECL or LVDS Output

♦ Supply Current: 50mA (Typical, Unloaded) at +3.3V Supply (LVPECL)

                              53mA (Typical) at +3.3V Supply (LVDS)

♦ -40°C to +85°C Temperature Range

♦ Output Disable




Similar Part No. - DS4106

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4106 MAXIM-DS4106 Datasheet
126Kb / 7P
106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 1; 10/07
DS4106AN+ MAXIM-DS4106AN+ Datasheet
126Kb / 7P
106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 1; 10/07
DS4106AN+ MAXIM-DS4106AN+ Datasheet
142Kb / 8P
106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 2; 4/08
DS4106BN+ MAXIM-DS4106BN+ Datasheet
126Kb / 7P
106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 1; 10/07
DS4106BN+ MAXIM-DS4106BN+ Datasheet
142Kb / 8P
106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 2; 4/08
More results


Similar Description - DS4106

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4106_0710 MAXIM-DS4106_0710 Datasheet
126Kb / 7P
106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 1; 10/07
DS4106 MAXIM-DS4106_08 Datasheet
142Kb / 8P
106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 2; 4/08
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
106.25MHz Ultra-Low Jitter Clock Synthesizer
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
logo
Kyocera Kinseki Corpota...
KC2520M KSS-KC2520M_18 Datasheet
63Kb / 1P
Clock Oscillators
KC5032P-L2 KSS-KC5032P-L2_18 Datasheet
66Kb / 1P
Clock Oscillators
KC7050A-C3 KSS-KC7050A-C3_18 Datasheet
65Kb / 1P
Clock Oscillators
KC7050R-P3 KSS-KC7050R-P3_18 Datasheet
63Kb / 1P
Clock Oscillators
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com