Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1533 Datasheet (PDF) - Diodes Incorporated

AP1533 Datasheet PDF - Diodes Incorporated
Part # AP1533
Download  AP1533 Download
File Size   160.87 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PWM CONTROL 1.8A STEP-DOWN CONVERTER

AP1533 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1533 Datasheet PDF - Diodes Incorporated

Part # AP1533
Download  AP1533 Click to download

File Size   160.87 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PWM CONTROL 1.8A STEP-DOWN CONVERTER

AP1533 Datasheet (HTML) - Diodes Incorporated


AP1533 Product details

General Description

AP1533 consists of step-down switching regulator with PWM control. These devices include a reference voltage source, oscillation circuit, error amplifier, internal PMOS.



Features

• Input voltage: 4V to 23V

• Output voltage: 0.8V to VCC

• Output current: 1.8A up to peak 2A

• Duty ratio: 0% to 99% PWM control

• Oscillation frequency: 300KHz typ.

• Soft-start like, Current limit and Enable function

• Thermal Shutdown function

• Built-in internal SW P-channel MOS

• SOP-8L: Available in “Green” Molding Compound(No Br, Sb) 

• Lead Free Finish/ RoHS Compliant (Note 1)



Applications

•PC Motherboard

•LCD Monitor

•Graphic Card

•DVD-Video Player

•Telecom Equipment

•ADSL Modem

• Printer and other Peripheral Equipment

•Microprocessor core supply




Similar Part No. - AP1533

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1533 DIODES-AP1533 Datasheet
264Kb / 9P
PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 4
AP1533SG-13 DIODES-AP1533SG-13 Datasheet
264Kb / 9P
PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 4
AP1533 DIODES-AP1533_09 Datasheet
264Kb / 9P
PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 4
More results


Similar Description - AP1533

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
logo
Microsemi Corporation
LX1918 MICROSEMI-LX1918 Datasheet
243Kb / 9P
1.8A Step-Down Synchronous Converter
logo
Diodes Incorporated
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
AP1533 DIODES-AP1533_09 Datasheet
264Kb / 9P
PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 4
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Taiwan Memory Technolog...
T8322AD TMT-T8322AD Datasheet
124Kb / 10P
PWM Control 1500mA Step-Down Converter
logo
Unisonic Technologies
P3586 UTC-P3586_17 Datasheet
332Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com