Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

781201 Datasheet (PDF) - Alpha Wire

781201 Datasheet PDF - Alpha Wire
Part # 781201
Download  781201 Download
File Size   408.27 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 12 (SOLID) AWG Tinned Copper

781201 Datasheet (PDF)

Go To PDF Page Download Datasheet
781201 Datasheet PDF - Alpha Wire

Part # 781201
Download  781201 Click to download

File Size   408.27 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 12 (SOLID) AWG Tinned Copper

781201 Datasheet (HTML) - Alpha Wire




Similar Part No. - 781201

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
78120 ALPHAWIRE-78120 Datasheet
408Kb / 4P
26 (19/38) AWG Tinned Copper
logo
Wixroyd Group Ltd
78120 WIXROYD-78120 Datasheet
400Kb / 2P
for 19“ drawers and instrument panels
logo
REMA Lipprandt GmbH & C...
78120-00 REMA-78120-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
logo
Molex Electronics Ltd.
78120-6013 MOLEX9-78120-6013 Datasheet
132Kb / 4P
1.27mm (.050") Pitch Wire-to-Board Receptacle, Dual Row, Vertical, SMT, 0.25um (10u") Gold (Au) Plating
78120-8013 MOLEX9-78120-8013 Datasheet
499Kb / 7P
1.27mm (.050") Pitch Wire-to-Board Receptacle, Dual Row, Vertical, SMT, 0.25關m (10關") Gold (Au) Plating, without Kapton Tape, 80 Circuits
More results


Similar Description - 781201

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1344562 ETC2-1344562 Datasheet
95Kb / 2P
12 AWG stranded (65x30) tinned copper conductor, PVC insulation
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1347358 ETC2-1347358 Datasheet
96Kb / 2P
22 AWG solid tinned copper conductors, PVC insulation,
1348422 ETC2-1348422 Datasheet
98Kb / 3P
Minature, 28 AWG solid .013 tinned copper conductor, polypropylene insulation, bare copper braid shield
1351271 ETC2-1351271 Datasheet
102Kb / 3P
22 AWG solid tinned copper conductors, twisted pairs, Datalene insulation
1351662 ETC2-1351662 Datasheet
100Kb / 3P
22 AWG solid tinned copper conductors, polypropylene insulation
1351827 ETC2-1351827 Datasheet
101Kb / 3P
22 AWG solid tinned copper conductors, twisted pairs, Datalene
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com