Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067 Datasheet (PDF) - Analog Devices

AD8067 Datasheet PDF - Analog Devices
Part # AD8067
Download  AD8067 Download
File Size   415.35 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Gain Bandwidth Product, Precision Fast FET™ Op Amp

AD8067 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8067 Datasheet PDF - Analog Devices

Part # AD8067
Download  AD8067 Click to download

File Size   415.35 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Gain Bandwidth Product, Precision Fast FET™ Op Amp

AD8067 Datasheet (HTML) - Analog Devices


AD8067 Product details

FEATURES
FET input amplifier: 0.6 pA input bias current
Stable for gains ≥8
High speed
54 MHz, −3 dB bandwidth (G = +10)
640 V/μs slew rate
Low noise
6.6 nV/√Hz
0.6 fA/√Hz
Low offset voltage (1.0 mV max)
Wide supply voltage range: 5 V to 24 V
No phase reversal
Low input capacitance
Single-supply and rail-to-rail output
Excellent distortion specs: SFDR 95 dBc @ 1 MHz
High common-mode rejection ratio: −106 dB
Low power: 6.5 mA typical supply current
Low cost
Small packaging: SOT-23-5
APPLICATIONS
Photodiode preamplifiers
Precision high gain amplifiers
High gain, high bandwidth composite amplifiers




Similar Part No. - AD8067

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8067 AD-AD8067 Datasheet
873Kb / 24P
High Gain Bandwidth Product Precision Fast FET??Op Amp
AD8067 AD-AD8067 Datasheet
459Kb / 24P
High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
AD8067ART AD-AD8067ART Datasheet
873Kb / 24P
High Gain Bandwidth Product Precision Fast FET??Op Amp
AD8067ART-R2 AD-AD8067ART-R2 Datasheet
873Kb / 24P
High Gain Bandwidth Product Precision Fast FET??Op Amp
AD8067ART-R2 AD-AD8067ART-R2 Datasheet
459Kb / 24P
High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
More results


Similar Description - AD8067

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2006 ELANTEC-EL2006 Datasheet
247Kb / 12P
High Gain Fast FET Input Op Amp
logo
Analog Devices
AD8067 AD-AD8067 Datasheet
873Kb / 24P
High Gain Bandwidth Product Precision Fast FET??Op Amp
AD8067 AD-AD8067_06 Datasheet
459Kb / 24P
High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
Precision, High-Bandwidth Op Amp
Rev 0; 9/10
logo
Inchange Semiconductor ...
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
High Gain Bandwidth Product
2SC3862 ISC-2SC3862 Datasheet
218Kb / 4P
High Gain Bandwidth Product
2SC4807 ISC-2SC4807 Datasheet
212Kb / 5P
High Gain-Bandwidth Product
2SC4988 ISC-2SC4988 Datasheet
216Kb / 5P
High Gain Bandwidth Product
2SC5084 ISC-2SC5084 Datasheet
267Kb / 5P
High Gain Bandwidth Product
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
Precision, High-Bandwidth Op Amp
2015
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com