Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8944 Datasheet (PDF) - NXP Semiconductors

TDA8944 Datasheet PDF - NXP Semiconductors
Part # TDA8944
Download  TDA8944 Download
File Size   580.47 Kbytes
Page   21 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 x 7 W stereo Bridge Tied Load BTL audio amplifier

TDA8944 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA8944 Datasheet PDF - NXP Semiconductors

Part # TDA8944
Download  TDA8944 Click to download

File Size   580.47 Kbytes
Page   21 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 x 7 W stereo Bridge Tied Load BTL audio amplifier

TDA8944 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - TDA8944

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8944AJ NXP-TDA8944AJ Datasheet
406Kb / 20P
2 x 7 W BTL audio amplifier with DC gain control
Rev. 01-01 March 2002
More results


Similar Description - TDA8944

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
2 x 3 W stereo BTL audio output amplifier
May 1992
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8943SF PHILIPS-TDA8943SF Datasheet
358Kb / 20P
6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8945S PHILIPS-TDA8945S Datasheet
363Kb / 21P
15 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8946J PHILIPS-TDA8946J Datasheet
393Kb / 23P
2 x 15 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TFA9810 NXP-TFA9810 Datasheet
148Kb / 29P
Stereo full-bridge audio amplifier 2 x 12 W
Rev. 02-30 August 2007
TFA9815 NXP-TFA9815 Datasheet
139Kb / 26P
Stereo full-bridge audio amplifier 2 x 17 W
Rev. 01-16 December 2008
TFA9810 NXP-TFA9810_08 Datasheet
172Kb / 29P
Stereo full-bridge audio amplifier 2 x 12 W
Rev. 03-20 February 2008
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com