Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8542 Datasheet (PDF) - Analog Devices

AD8542 Datasheet PDF - Analog Devices
Part # AD8542
Download  AD8542 Download
File Size   1188.66 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Rail-to-Rail General-Purpose Amplifiers

AD8542 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8542 Datasheet PDF - Analog Devices

Part # AD8542
Download  AD8542 Click to download

File Size   1188.66 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Rail-to-Rail General-Purpose Amplifiers

AD8542 Datasheet (HTML) - Analog Devices


AD8542 Product details

FEATURES
► Single-supply operation: 2.7 V to 5.5 V
► Low supply current: 45 μA/amplifier
► Wide bandwidth: 1 MHz
► No phase reversal
► Low input currents: 4 pA
► Unity gain stable
► Rail-to-rail input and output
► AEC-Q100 qualified for automotive applications
APPLICATIONS
► ASIC input or output amplifiers
► Sensor interfaces
► Piezoelectric transducer amplifiers
► Medical instrumentation
► Mobile communications
► Audio outputs
► Portable systems




Similar Part No. - AD8542

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8542 AD-AD8542 Datasheet
232Kb / 16P
General Purpose CMOS Rail-to-Rail Amplifiers
8/04-Data Sheet changed from REV. C to REV. D.
AD8542 AD-AD8542 Datasheet
430Kb / 20P
General-Purpose CMOS Rail-to-Rail Amplifiers
1/07-Rev. D to Rev. E
AD8542 AD-AD8542 Datasheet
443Kb / 20P
General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
AD8542 AD-AD8542 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8542 AD-AD8542 Datasheet
315Kb / 20P
CMOS Rail-to-Rail General-Purpose ifiers
Rev. G
More results


Similar Description - AD8542

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8541 AD-AD8541 Datasheet
232Kb / 16P
General Purpose CMOS Rail-to-Rail Amplifiers
8/04-Data Sheet changed from REV. C to REV. D.
AD8541 AD-AD8541_07 Datasheet
430Kb / 20P
General-Purpose CMOS Rail-to-Rail Amplifiers
1/07-Rev. D to Rev. E
AD8541 AD-AD8541_08 Datasheet
443Kb / 20P
General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
AD8541 AD-AD8541_15 Datasheet
315Kb / 20P
CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8542 AD-AD8542_15 Datasheet
315Kb / 20P
CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8544 AD-AD8544_15 Datasheet
315Kb / 20P
CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
logo
Exar Corporation
CLC1020 EXAR-CLC1020 Datasheet
2Mb / 14P
General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
logo
TECH PUBLIC Electronics...
LMV321IDBVR TECHPUBLIC-LMV321IDBVR Datasheet
3Mb / 6P
CMOS, Rail to Rail General-Purpose Amplifiers
2018.1.15
LMV358IDR TECHPUBLIC-LMV358IDR Datasheet
1Mb / 6P
CMOS,RAilto Rail General-Purpose Amplifiers
2018.1.15
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com