Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B69842N5507A700 Datasheet (PDF) - EPCOS

B69842N5507A700 Datasheet PDF - EPCOS
Part # B69842N5507A700
Download  B69842N5507A700 Download
File Size   70.63 Kbytes
Page   4 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description 2 - Pole Filter for WLAN 5GHz / [5150 - 5850] MHz

B69842N5507A700 Datasheet (PDF)

Go To PDF Page Download Datasheet
B69842N5507A700 Datasheet PDF - EPCOS

Part # B69842N5507A700
Download  B69842N5507A700 Click to download

File Size   70.63 Kbytes
Page   4 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description 2 - Pole Filter for WLAN 5GHz / [5150 - 5850] MHz

B69842N5507A700 Datasheet (HTML) - EPCOS


B69842N5507A700 Product details

Features
● SMD filter consisting of coupled resonators with stepped impedances
● MgTiO3 - CaTiO3 (εr = 21 / TCf =0±10 ppm/K) with a coating of copper (10µm) and tin (>5µm)
● Excellent reflow solderability, no migration effect due to copper/tin metallization




Similar Part No. - B69842N5507A700

ManufacturerPart #DatasheetDescription
logo
EPCOS
B69842N5807A150 EPCOS-B69842N5807A150 Datasheet
173Kb / 5P
Microwave Ceramics and Modules 2 Pole Filter for W-LAN 5GHz /5.725-5.875 Band
More results


Similar Description - B69842N5507A700

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP787011 TRIQUINT-TQP787011 Datasheet
232Kb / 1P
802.11a 5GHz WLAN Power Amplifier
logo
Pasternack Enterprises,...
PE51071 PASTERNACK-PE51071 Datasheet
215Kb / 1P
Rubber Duck Antenna 2400- 2483 & 5150-5850 MHz, 7dBi
logo
List of Unclassifed Man...
HLA01 ETC2-HLA01 Datasheet
1Mb / 18P
5150-5900 MHz Ceramic Loop antenna WLAN/ Wi-Fi/ HDMI
logo
TAI-SAW TECHNOLOGY CO.,...
TB0137A TAI-SAW-TB0137A Datasheet
353Kb / 5P
SAW Filter 280 MHz for WLAN
logo
TriQuint Semiconductor
TQP8080 TRIQUINT-TQP8080_15 Datasheet
110Kb / 1P
5GHz WLAN Front End Module
logo
Taoglas antenna solutio...
HLA01 TAOGLAS-HLA01 Datasheet
1Mb / 19P
5150-5900 MHz Ceramic Loop antenna WLAN/ Wi-Fi/ HDMI
logo
Golledge Electronics Lt...
MA05396 GOLLEDGE-MA05396 Datasheet
263Kb / 5P
280 MHz SAW Filter for WLAN
logo
TAI-SAW TECHNOLOGY CO.,...
TB352FD TAI-SAW-TB352FD Datasheet
166Kb / 4P
SAW Filter 352 MHz For WLAN
TB352FD-1 TAI-SAW-TB352FD-1 Datasheet
166Kb / 4P
SAW Filter 352 MHz For WLAN
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2008L20T WALSIN-RFDIP2008L20T Datasheet
255Kb / 2P
For WLAN Band 2.4GHz & 5GHz Application
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com