Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD121A10 Datasheet (PDF) - NEC

UPD121A10 Datasheet PDF - NEC
Part # UPD121A10
Download  UPD121A10 Download
File Size   214.99 Kbytes
Page   10 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS INTEGRATED CIRCUIT

UPD121A10 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD121A10 Datasheet PDF - NEC

Part # UPD121A10
Download  UPD121A10 Click to download

File Size   214.99 Kbytes
Page   10 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS INTEGRATED CIRCUIT

UPD121A10 Datasheet (HTML) - NEC


UPD121A10 Product details

DESCRIPTION
μ PD121A10 is the CMOS regulator which can output 2.0 A current. This regulator is suitable for power supply for 1.0 V ASIC core, for example our companies’ CB-90 (90 nm process LSI) etc. The dropout voltage is made small (0.7 V MAX. (IO = 1.0 A) by dividing bias voltage (VDD) from input voltage (VIN). Therefore this product can output under the conditions, VIN ≥ 1.62 V (VDD ≥ 4.0 V). Output voltage can be adjustable between 0.95 and 1.15 V.

FEATURES
• Output Current: 2.0 A
• Output Voltage: 0.95 to 1.15 V
• Bias Voltage: 4.0 to 5.5 V
• Reference Voltage Tolerance: VREF ± 10 mV (TJ = 25°C)
• Low Dropout Voltage: VDIF = 0.7 V MAX. (IO = 1.0 A)
• On-chip over-current protection circuit
• On-chip thermal shut down circuit

APPLICATIONS
    This regulator is suitable for low power supply voltage IC, for example core of CB-90 (90 nm process LSI) etc.




Similar Part No. - UPD121A10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD121A10 RENESAS-UPD121A10 Datasheet
382Kb / 12P
MOS INTEGRATED CIRCUIT
2007
UPD121A10T1F RENESAS-UPD121A10T1F Datasheet
382Kb / 12P
MOS INTEGRATED CIRCUIT
2007
More results


Similar Description - UPD121A10

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
MOS INTEGRATED CIRCUIT
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com