Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDCSBRM2.14 Datasheet (PDF) - OSRAM GmbH

GDCSBRM2.14 Datasheet PDF - OSRAM GmbH
Part # GDCSBRM2.14
Download  GDCSBRM2.14 Download
File Size   1776.46 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSLON® Square Deep Blue latest offering comes with a unique innovative radiation pattern, designed to illuminate plants evenly for uniform growth while reducing number of luminaires and lowering overall cost.

GDCSBRM2.14 Datasheet (PDF)

Go To PDF Page Download Datasheet
GDCSBRM2.14 Datasheet PDF - OSRAM GmbH

Part # GDCSBRM2.14
Download  GDCSBRM2.14 Click to download

File Size   1776.46 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSLON® Square Deep Blue latest offering comes with a unique innovative radiation pattern, designed to illuminate plants evenly for uniform growth while reducing number of luminaires and lowering overall cost.

GDCSBRM2.14 Datasheet (HTML) - OSRAM GmbH


GDCSBRM2.14 Product details

Features
- Package: SMD ceramic package with silicone lens
- Typ. Radiation: 150°
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux : typ. 1525 mW @ 700mA ; typ. 804 mW @ 350mA
- Radiant Efficiency: typ. 75% @ 700mA; typ. 82% @ 350mA
- Photon Flux: typ. 5.66 μmol/s @ 700mA ; typ. 2.98 μmol/s @ 350mA
- Photon Flux Efficacy: typ 2.79 μmol/J @ 700mA ; typ 3.03 μmol/J @ 350mA





Similar Part No. - GDCSBRM2.14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GDCS8PM1.14 OSRAM-GDCS8PM1.14 Datasheet
2Mb / 22P
Horticultural Lighting
GDCSHPM1.14 OSRAM-GDCSHPM1.14 Datasheet
1Mb / 22P
OSLON SSL 150
GDCSHPM1.14-UNUO-W4-1 OSRAM-GDCSHPM1.14-UNUO-W4-1 Datasheet
1Mb / 22P
OSLON SSL 150
GDCSHPM1.14-UOVJ-W4-1 OSRAM-GDCSHPM1.14-UOVJ-W4-1 Datasheet
1Mb / 22P
OSLON SSL 150
GDCSSPM1.14 OSRAM-GDCSSPM1.14 Datasheet
2Mb / 22P
Horticultural Lighting
More results


Similar Description - GDCSBRM2.14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
GHCSSRM2.24 OSRAM-GHCSSRM2.24 Datasheet
1Mb / 22P
OSLON Square
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
logo
PHOENIX CONTACT
2907826 PHOENIX-2907826 Datasheet
61Kb / 3P
Inexpensive as a result of reducing the number of separate housing parts
2908786 PHOENIX-2908786 Datasheet
49Kb / 2P
Inexpensive as a result of reducing the number of separate housing parts
2959298 PHOENIX-2959298 Datasheet
56Kb / 3P
Inexpensive as a result of reducing the number of separate housing parts
2959340 PHOENIX-2959340 Datasheet
50Kb / 2P
Inexpensive as a result of reducing the number of separate housing parts
2959476 PHOENIX-2959476 Datasheet
49Kb / 2P
Inexpensive as a result of reducing the number of separate housing parts
logo
Maxim Integrated Produc...
MAX17823 MAXIM-MAX17823 Datasheet
358Kb / 2P
Ensures Safe Operation of Li-Ion Battery Packs While Reducing System Cost
Rev. 0; January 2014
logo
ams AG
GFCSBPM2.24 AMSCO-GFCSBPM2.24 Datasheet
1Mb / 22P
new member of the family, OSLON® Square Far Red has a unique innovative radiation pattern to illuminate plants evenly for uniform growth while reducing number of luminaires and lowering overall cost.
Version 1.1 2023-03-20
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com