Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHCSBRM4.24 Datasheet (PDF) - OSRAM GmbH

GHCSBRM4.24 Datasheet PDF - OSRAM GmbH
Part # GHCSBRM4.24
Download  GHCSBRM4.24 Download
File Size   1782.56 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSLON® Square Hyper Red with the best value for highest PPF/W, is now available with a unique innovative radiation pattern, evenly illuminates plants for uniform growth while reducing number of luminaires and lowering overall cost.

GHCSBRM4.24 Datasheet (PDF)

Go To PDF Page Download Datasheet
GHCSBRM4.24 Datasheet PDF - OSRAM GmbH

Part # GHCSBRM4.24
Download  GHCSBRM4.24 Click to download

File Size   1782.56 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSLON® Square Hyper Red with the best value for highest PPF/W, is now available with a unique innovative radiation pattern, evenly illuminates plants for uniform growth while reducing number of luminaires and lowering overall cost.

GHCSBRM4.24 Datasheet (HTML) - OSRAM GmbH


GHCSBRM4.24 Product details

Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 150°
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 1086 mW @ 700mA ; typ. 546 mW @ 350mA
- Radiant Efficiency: typ. 79% @ 700mA; typ. 84% @ 350mA
- Photon Flux: typ. 5.97 umol/s @ 700mA; typ. 3.00 umol/s @ 350mA
- Photon Flux Efficacy: typ. 4.33 umol/J @ 700mA; typ. 4.60 umol/J @ 350mA





Similar Part No. - GHCSBRM4.24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GHCSBRM4.24-V6V9-1-1 OSRAM-GHCSBRM4.24-V6V9-1-1 Datasheet
1Mb / 22P
OSLON® Square GH CSBRM4.24
2022-07-22 Version 1.2
More results


Similar Description - GHCSBRM4.24

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1212072 SILABS-1212072 Datasheet
267Kb / 3P
Version 1.0 of the C8051F39x/7x is now available
1212121 SILABS-1212121 Datasheet
243Kb / 3P
Version 1.2 of the Si4464-63-61-60 datasheet is now available
1302261 SILABS-1302261 Datasheet
148Kb / 3P
Version 0.5 of the SiM3L1xx datasheet is now available
1303191 SILABS-1303191 Datasheet
216Kb / 3P
Version 1.5 of the CP2102/9 datasheet is now available
logo
PHOENIX CONTACT
2907826 PHOENIX-2907826 Datasheet
61Kb / 3P
Inexpensive as a result of reducing the number of separate housing parts
2908786 PHOENIX-2908786 Datasheet
49Kb / 2P
Inexpensive as a result of reducing the number of separate housing parts
2959298 PHOENIX-2959298 Datasheet
56Kb / 3P
Inexpensive as a result of reducing the number of separate housing parts
2959340 PHOENIX-2959340 Datasheet
50Kb / 2P
Inexpensive as a result of reducing the number of separate housing parts
2959476 PHOENIX-2959476 Datasheet
49Kb / 2P
Inexpensive as a result of reducing the number of separate housing parts
logo
ams AG
GFCSBPM2.24 AMSCO-GFCSBPM2.24 Datasheet
1Mb / 22P
new member of the family, OSLON® Square Far Red has a unique innovative radiation pattern to illuminate plants evenly for uniform growth while reducing number of luminaires and lowering overall cost.
Version 1.1 2023-03-20
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com