Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWJTLPS1.1L Datasheet (PDF) - OSRAM GmbH

GWJTLPS1.1L Datasheet PDF - OSRAM GmbH
Part # GWJTLPS1.1L
Download  GWJTLPS1.1L Download
File Size   1783.34 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The DURIS® E 2835 color family provide excellent color rendering and supreme efficacy in cost effective industry standard LED.

GWJTLPS1.1L Datasheet (PDF)

Go To PDF Page Download Datasheet
GWJTLPS1.1L Datasheet PDF - OSRAM GmbH

Part # GWJTLPS1.1L
Download  GWJTLPS1.1L Click to download

File Size   1783.34 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The DURIS® E 2835 color family provide excellent color rendering and supreme efficacy in cost effective industry standard LED.

GWJTLPS1.1L Datasheet (HTML) - OSRAM GmbH


GWJTLPS1.1L Product details

Features
- Package: colored diffused silicone resin
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux: typ. 105 lm
- Luminous efficacy: typ. 228 lm/W





Similar Part No. - GWJTLPS1.1L

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWJTLPS1.1B OSRAM-GWJTLPS1.1B Datasheet
1Mb / 22P
The DURIS® E 2835 color family provide excellent color rendering and supreme efficacy in cost effective industry standard LED.
Version 1.0 2023-04-12
GWJTLPS1.1B-LLMN-M1M6-1 OSRAM-GWJTLPS1.1B-LLMN-M1M6-1 Datasheet
1Mb / 22P
The DURIS® E 2835 color family provide excellent color rendering and supreme efficacy in cost effective industry standard LED.
Version 1.0 2023-04-12
More results


Similar Description - GWJTLPS1.1L

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB68 LUMILEDS-PB68 Datasheet
1Mb / 2P
High flux and efficacy on industry?셲 most widely used color LED platform
WP32 LUMILEDS-WP32 Datasheet
1Mb / 5P
An approach to enable high efficacy high color rendering performance LEDs for illumination
L2C4-2780XS01F0600 LUMILEDS-L2C4-2780XS01F0600 Datasheet
3Mb / 18P
High efficacy with industry standard footprint
20191013
logo
EDA Technology Co.,LTD
REIMEI1 EDATEC-REIMEI1 Datasheet
1Mb / 14P
AN EXCELLENT AND COST-EFFECTIVE SINGLE-BOARD COMPUTER
2023-03-18
logo
ams AG
GBPSLM31.13 AMSCO-GBPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
GTJTLPS1.13 AMSCO-GTJTLPS1.13 Datasheet
1Mb / 21P
The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
Version 1.3 2020-09-02
GWJDSTS2.CM AMSCO-GWJDSTS2.CM Datasheet
2Mb / 26P
Introducing the new Generation-2 DURIS® E 5 which combines higher efficacy and higher flux in a compact industry-compatible form factor (5.6 mm x 3.0 mm).
Version 1.5 2023-03-09
GRPSLM31.23 AMSCO-GRPSLM31.23 Datasheet
1Mb / 21P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime. Ideal choice for indoor General Lighting applications.
Version 1.5 2020-11-23
GWP7LM32.PM AMSCO-GWP7LM32.PM Datasheet
1Mb / 22P
DURIS® S 10, latest addition of chip-array SMD family, creates a single spot light design with excellent color uniformity appearance.
Version 1.2 2020-03-18
GWPSLM32.UL AMSCO-GWPSLM32.UL Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2022-01-20
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com