Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4177-2CHIPS Datasheet (PDF) - Analog Devices

ADA4177-2CHIPS Datasheet PDF - Analog Devices
Part # ADA4177-2CHIPS
Download  ADA4177-2CHIPS Download
File Size   159.48 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description OVP and EMI Protected, Precision, Low Noise and Low Bias Current Op Amp

ADA4177-2CHIPS Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4177-2CHIPS Datasheet PDF - Analog Devices

Part # ADA4177-2CHIPS
Download  ADA4177-2CHIPS Click to download

File Size   159.48 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description OVP and EMI Protected, Precision, Low Noise and Low Bias Current Op Amp

ADA4177-2CHIPS Datasheet (HTML) - Analog Devices


ADA4177-2CHIPS Product details

FEATURES
Low offset voltage: 120 μV maximum at 25°C Low input bias current: 1 nA maximum at 25°C
Low voltage noise density: 8 nV/√Hz typical at 1 kHz Large signal voltage gain (AVO): 108 dB minimum over full supply voltage and operating temperature Input overvoltage protection to 32 V above and below the
supply voltage rail Integrated EMI filter
70 dB typical rejection at 1000 MHz 90 dB typical rejection at 2400 MHz Rail-to-rail output swing
Low supply current: 500 μA typical per amplifier
Wide bandwidth
Gain bandwidth product (AV = 100): 3.5 MHz typical
Unity-gain crossover (AV = 1): 3.5 MHz typical −3 dB bandwidth (AV = 1): 6 MHz typical Dual-supply operation
Specified at ±5 V to ±15 V, operates over ±2.5 V to ±18 V Unity-gain stable
No phase reversal
APPLICATIONS
Wireless base station control circuits
Optical network control circuits
Instrumentation
Sensors and controls
Thermocouples, RTDs, strain gages, shunt current
measurements




Similar Part No. - ADA4177-2CHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4177-2 AD-ADA4177-2 Datasheet
854Kb / 31P
OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
Rev. C
ADA4177-2 AD-ADA4177-2 Datasheet
1Mb / 33P
OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
Rev. E
ADA4177-2ARMZ AD-ADA4177-2ARMZ Datasheet
854Kb / 31P
OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
Rev. C
ADA4177-2ARMZ AD-ADA4177-2ARMZ Datasheet
1Mb / 33P
OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
Rev. E
ADA4177-2ARMZ-R7 AD-ADA4177-2ARMZ-R7 Datasheet
854Kb / 31P
OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
Rev. C
More results


Similar Description - ADA4177-2CHIPS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Maxim Integrated Produc...
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
logo
Analog Devices
AD8622 AD-AD8622 Datasheet
69Kb / 4P
Dual, Low Power, Low Noise, Low Bias Current Precision Rail-to-Rail Output Op Amp
Rev. PrA
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Texas Instruments
OPA192 TI1-OPA192_15 Datasheet
3Mb / 52P
Low Input Bias Current Op Amp
OPA191 TI1-OPA191_16 Datasheet
3Mb / 49P
Low Input Bias Current Op Amp
logo
Analog Devices
ADA4177-1 AD-ADA4177-1 Datasheet
854Kb / 31P
OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
Rev. C
logo
Texas Instruments
OPA396 TI-OPA396 Datasheet
2Mb / 30P
OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
logo
Maxim Integrated Produc...
MAX40242 MAXIM-MAX40242 Datasheet
531Kb / 12P
20V, Low Input Bias-Current, Low-Noise, Dual Op Amp
2018
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com