Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8542 Datasheet (PDF) - Analog Devices

AD8542 Datasheet PDF - Analog Devices
Part # AD8542
Download  AD8542 Download
File Size   697.23 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier

AD8542 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8542 Datasheet PDF - Analog Devices

Part # AD8542
Download  AD8542 Click to download

File Size   697.23 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier

AD8542 Datasheet (HTML) - Analog Devices


AD8542 Product details

FEATURES
Lower power at high voltage: 290 μA per amplifier typical
Low input bias current: 1 pA maximum
Wide bandwidth: 1.2 MHz typical
Slew rate: 1 V/μs typical
Offset voltage drift: 3 μV/°C typical
Single-supply operation: 5 V to 16 V
Dual-supply operation: ±2.5 V to ±8 V
Unity gain stable
APPLICATIONS
Portable systems
High density power budget systems
Medical equipment
Physiological measurement
Precision references
Multipole filters
Sensors
Transimpedance amplifiers
Buffer/level shifting




Similar Part No. - AD8542

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8542 AD-AD8542 Datasheet
232Kb / 16P
General Purpose CMOS Rail-to-Rail Amplifiers
8/04-Data Sheet changed from REV. C to REV. D.
AD8542 AD-AD8542 Datasheet
430Kb / 20P
General-Purpose CMOS Rail-to-Rail Amplifiers
1/07-Rev. D to Rev. E
AD8542 AD-AD8542 Datasheet
443Kb / 20P
General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
AD8542 AD-AD8542 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8542 AD-AD8542 Datasheet
315Kb / 20P
CMOS Rail-to-Rail General-Purpose ifiers
Rev. G
More results


Similar Description - AD8542

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
4/03-Data Sheet changed from REV. A to REV. B.
OP150 AD-OP150 Datasheet
65Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
AD8546 AD-AD8546 Datasheet
862Kb / 24P
18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
ADA4665-2ARMZ AD-ADA4665-2ARMZ Datasheet
697Kb / 20P
16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP450 AD-OP450_15 Datasheet
70Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
Texas Instruments
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
logo
Analog Devices
ADA4665-2 AD-ADA4665-2_16 Datasheet
667Kb / 21P
16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
Rev. 0
logo
STMicroelectronics
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
logo
Texas Instruments
TLV9741 TI1-TLV9741 Datasheet
1Mb / 31P
16-V, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com