Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4012 Datasheet (PDF) - Analog Devices

MAX4012 Datasheet PDF - Analog Devices
Part # MAX4012
Download  MAX4012 Download
File Size   2663.44 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Cost, High-Speed, Single-Supply Op Amps with Rail-to-Rail Outputs

MAX4012 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4012 Datasheet PDF - Analog Devices

Part # MAX4012
Download  MAX4012 Click to download

File Size   2663.44 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Cost, High-Speed, Single-Supply Op Amps with Rail-to-Rail Outputs

MAX4012 Datasheet (HTML) - Analog Devices


MAX4012 Product details

Features
● Low-Cost
● High Speed:
• 200MHz -3dB Bandwidth (MAX4012)
• 150MHz -3dB Bandwidth
• (MAX4016/MAX4018/MAX4020)
• 30MHz 0.1dB Gain Flatness
• 600V/μs Slew Rate
● Single 3.3V/5.0V Operation
● Rail-to-Rail Outputs
● Input Common-Mode Range Extends Beyond VEE
● Low Differential Gain/Phase: 0.02%/0.02°
● Low Distortion at 5MHz:
• -78dBc SFDR
• -75dB Total Harmonic Distortion
● High-Output Drive: ±120mA
● 400μA Shutdown Capability (MAX4018)
● High-Output Impedance in Off State (MAX4018)
● Space-Saving SOT23, SO, μMAX, or QSOP Packages
Applications
● Set-Top Boxes
● Surveillance Video Systems
● Battery-Powered Instruments
● Video Line Driver
● Analog-to-Digital Converter Interface
● CCD Imaging Systems
● Video Routing and Switching Systems




Similar Part No. - MAX4012

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4012EUK MAXIM-MAX4012EUK Datasheet
196Kb / 16P
Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
More results


Similar Description - MAX4012

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
logo
Analog Devices
ADA4851-1 AD-ADA4851-1 Datasheet
399Kb / 20P
Low Cost, High Speed, Rail-to-Rail Output Op Amps
5/05-Rev. B to Rev. C
ADA4851-1 AD-ADA4851-1_06 Datasheet
451Kb / 20P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
4/06-Rev. C to Rev. D
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
logo
Maxim Integrated Produc...
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
logo
Analog Devices
ADA4851-2 AD-ADA4851-2 Datasheet
432Kb / 24P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-4 AD-ADA4851-4_15 Datasheet
636Kb / 25P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com