Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9973 Datasheet (PDF) - Analog Devices

AD9973 Datasheet PDF - Analog Devices
Part # AD9973
Download  AD9973 Download
File Size   68.09 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core

AD9973 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9973 Datasheet PDF - Analog Devices

Part # AD9973
Download  AD9973 Click to download

File Size   68.09 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core

AD9973 Datasheet (HTML) - Analog Devices


AD9973 Product details

GENERAL DESCRIPTION
The AD9973 is a highly integrated dual channel CCD signal processor for high speed digital video camera applications. Each channel is specified at pixel rates of up to 65 MHz, and consists of a complete analog front end with analog-to-digital conversion, combined with a programmable timing driver. The Precision Timing core allows adjustment of high speed clocks with 240 ps resolution at 65 MHz operation. The AD9973 also contains a reduced range LVDS interface for the dual-channel data outputs.

FEATURES
   1.8 V analog and digital core supply voltage
   Serial data link with reduced range LVDS outputs
   Correlated double sampler (CDS) with −3 dB, 0 dB, +3 dB,
      +6 dB gain
   6 dB to 42 dB, 10-bit variable gain amplifier (VGA)
   14-bit, 65 MHz analog-to-digital converter
   Black level clamp with variable level control
   Complete on-chip timing generator
   Precision Timing core with 240 ps resolution @ 65 MHz
   On-chip 3 V horizontal and RG drivers
   6 mm × 6 mm, 84-ball CSP_BGA package

APPLICATIONS
   Professional HDTV camcorders
   Professional, high-end digital cameras
   Broadcast cameras
   Industrial high speed cameras




Similar Part No. - AD9973

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9973 AD-AD9973_15 Datasheet
80Kb / 2P
Dual-Channel, 14-Bit CCD Signal
Rev. SpA
More results


Similar Description - AD9973

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9942 AD-AD9942 Datasheet
653Kb / 36P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
8/06-Rev. 0 to Rev. A
AD9974 AD-AD9974 Datasheet
73Kb / 2P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
AD9978 AD-AD9978 Datasheet
71Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
AD9978 AD-AD9978_08 Datasheet
69Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9978BCPZ AD-AD9978BCPZ Datasheet
69Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9972BBCZ AD-AD9972BBCZ Datasheet
71Kb / 2P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com