Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML60115R Datasheet (PDF) - Mitsubishi Electric Semiconductor

ML60115R Datasheet PDF - Mitsubishi Electric Semiconductor
Part # ML60115R
Download  ML60115R Download
File Size   100.26 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description AIGaAs LASER DIODES?

ML60115R Datasheet (PDF)

Go To PDF Page Download Datasheet
ML60115R Datasheet PDF - Mitsubishi Electric Semiconductor

Part # ML60115R
Download  ML60115R Click to download

File Size   100.26 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description AIGaAs LASER DIODES?

ML60115R Datasheet (HTML) - Mitsubishi Electric Semiconductor


ML60115R Product details

DESCRIPTION
ML6XX15 is a high power AlGaAs semiconductor laser diodes which provides a stable, single transverse mode oscillation with emission wavelength of 785nm and standard light output of 30mW.

FEATURES
● Output 30mW (CW) 40mW (pulse)
● Short astigmatic distance
● Built-in monitor photodiode
● MQW* active layer
* Multiple Quantum Wel

APPLICATION
   Optical disc memory (rewritable, write once)




Similar Part No. - ML60115R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML60114R MITSUBISHI-ML60114R Datasheet
120Kb / 3P
AIGaAs LASER DIODES?
ML60116 MITSUBISHI-ML60116 Datasheet
34Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
ML60116R MITSUBISHI-ML60116R Datasheet
34Kb / 2P
FOR OPTICAL INFORMATION SYSTEMS
More results


Similar Description - ML60115R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML4XX23 MITSUBISHI-ML4XX23 Datasheet
106Kb / 3P
AIGaAs LASER DIODES
ML6XX14 MITSUBISHI-ML6XX14 Datasheet
120Kb / 3P
AIGaAs LASER DIODES?
logo
Rohm
RLD-78MA ROHM-RLD-78MA Datasheet
65Kb / 3P
AlGaAs laser diodes
RLD-78MC ROHM-RLD-78MC Datasheet
53Kb / 2P
AlGaAs laser diodes
logo
Mitsubishi Electric Sem...
ML6XX35 MITSUBISHI-ML6XX35 Datasheet
250Kb / 3P
LASER DIODES
logo
List of Unclassifed Man...
QAL-785-04-F-18 ETC-QAL-785-04-F-18 Datasheet
188Kb / 1P
AIGaAs Laser Diode
logo
Mitsubishi Electric Sem...
ML6101A MITSUBISHI-ML6101A Datasheet
273Kb / 8P
AIGaAs Laser Diodes emitting light beams around 780nm wavelength
ML725B11F MITSUBISHI-ML725B11F Datasheet
173Kb / 4P
MITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES
ML7XX19 MITSUBISHI-ML7XX19 Datasheet
200Kb / 4P
MITSUBISHI LASER DIODES 1310nm InGaAsP FP LASER DIODES
logo
Sharp Corporation
GH06560B2C SHARP-GH06560B2C Datasheet
89Kb / 5P
Laser Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com