Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F008SCB-L85 Datasheet (PDF) - Sharp Corporation

LH28F008SCB-L85 Datasheet PDF - Sharp Corporation
Part # LH28F008SCB-L85
Download  LH28F008SCB-L85 Download
File Size   552.31 Kbytes
Page   55 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Flash Memory 8M (1MB 횞 8)

LH28F008SCB-L85 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH28F008SCB-L85 Datasheet PDF - Sharp Corporation

Part # LH28F008SCB-L85
Download  LH28F008SCB-L85 Click to download

File Size   552.31 Kbytes
Page   55 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Flash Memory 8M (1MB 횞 8)

LH28F008SCB-L85 Datasheet (HTML) - Sharp Corporation


LH28F008SCB-L85 Product details

SHARP’s LH28F008SCT-L85 Flash memory with SmartVoltage technology is a high-density, low-cost, nonvolatile, read/write storage solution for a wide range of applications.

8M-BIT (1MB x 8) SmartVoltage Flash MEMORY

■ SmartVoltage Technology
   - 2.7V(Read-Only), 3.3V or 5V VCC
   - 3.3V, 5V or 12V VPP
■ High-Performance Read Access Time
   - 85ns(5V±0.25V), 90ns(5V±0.5V),
   - 120ns(3.3V±0.3V), 150ns(2.7V-3.6V)
■ Operating Temperature
   - 0°C to +70°C
■ High-Density Symmetrically-Blocked
   Architecture
   - Sixteen 64K-byte Erasable Blocks
■ Low Power Management
   - Deep Power-Down Mode
   - Automatic Power Savings Mode
   - Decreases ICC in Static Mode
■ Enhanced Data Protection Features
   - Absolute Protection with VPP=GND
   - Flexible Block Locking
   - Block Erase/Byte Write Lockout
      during Power Transitions
■ Automated Byte Write and Block Erase
   - Command User Interface
   - Status Register
■ Enhanced Automated Suspend Options
   - Byte Write Suspend to Read
   - Block Erase Suspend to Byte Write
   - Block Erase Suspend to Read
■ Extended Cycling Capability
   - 100,000 Block Erase Cycles
   - 1.6 Million Block Erase Cycles/Chip
■ SRAM-Compatible Write Interface
■ Industry-Standard Packaging
   - 40-Lead TSOP
■ ETOXTM* Nonvolatile Flash Technology
■ CMOS Process
   (P-type silicon substrate)
■ Not designed or rated as radiation hardened




Similar Part No. - LH28F008SCB-L85

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SC SHARP-LH28F008SC Datasheet
349Kb / 38P
8M (1M 횞 8) Flash Memory
LH28F008SC-V SHARP-LH28F008SC-V Datasheet
266Kb / 40P
8 M-bit (1 MB x 8) Smart 5
LH28F008SC-V SHARP-LH28F008SC-V Datasheet
262Kb / 40P
M-bit (1 MB x 8) Smart 5 Flash Memories
LH28F008SC-V85 SHARP-LH28F008SC-V85 Datasheet
262Kb / 40P
M-bit (1 MB x 8) Smart 5 Flash Memories
LH28F008SCH SHARP-LH28F008SCH Datasheet
1Mb / 44P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
More results


Similar Description - LH28F008SCB-L85

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SA SHARP-LH28F008SA Datasheet
249Kb / 27P
8M (1M 횞 8) Flash Memory
LH28F008SC SHARP-LH28F008SC Datasheet
349Kb / 38P
8M (1M 횞 8) Flash Memory
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
8M (512K 횞 16, 1M 횞 8) Flash Memory
LHF16KA1 SHARP-LHF16KA1 Datasheet
3Mb / 58P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA3 SHARP-LHF16KA3 Datasheet
2Mb / 58P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA4 SHARP-LHF16KA4 Datasheet
3Mb / 52P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA6 SHARP-LHF16KA6 Datasheet
2Mb / 59P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA7 SHARP-LHF16KA7 Datasheet
3Mb / 53P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA9 SHARP-LHF16KA9 Datasheet
3Mb / 52P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
Flash Memory 8M (1M 횞 8/512K 횞 16)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com