Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51955A Datasheet (PDF) - Renesas Technology Corp

M51955A Datasheet PDF - Renesas Technology Corp
Part # M51955A
Download  M51955A Download
File Size   149.55 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Voltage Detecting, System Resetting IC Series

M51955A Datasheet (PDF)

Go To PDF Page Download Datasheet
M51955A Datasheet PDF - Renesas Technology Corp

Part # M51955A
Download  M51955A Click to download

File Size   149.55 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Voltage Detecting, System Resetting IC Series

M51955A Datasheet (HTML) - Renesas Technology Corp


M51955A Product details

Description
M51955A,B/M51956A,B are semiconductor integrated circuits for resetting of all types of logic circuits such as CPUs, and has the feature of setting the detection voltage by adding external resistance.
They include a built-in delay circuit to provide a retardation time (200 µs Typ).
They fined extensive applications, including battery checking circuit, level detecting circuit and waveform shaping circuit.

Features
• Few external parts
• Low threshold operating voltage (Supply voltage to keep low-state at low supply voltage):
   0.6 V (Typ) at RL = 22 kΩ
• Wide supply voltage range: 2 V to 17 V
• Wide application range

Application
• Reset circuit of Pch, Nch, CMOS, microcomputer, CPU and MCU,
  Reset of logic circuit, Battery check circuit, switching circuit back-up voltage,
  level detecting circuit, waveform shaping circuit, delay waveform generating
  circuit, DC/DC converter, over voltage protection circuit




Similar Part No. - M51955A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51955A MITSUBISHI-M51955A Datasheet
182Kb / 6P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES?
M51955A MITSUBISHI-M51955A Datasheet
182Kb / 6P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
More results


Similar Description - M51955A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
VOLTAGE DETECTING,SYSTEM RESETTING IC
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
VOLTAGE DETECTING, SYSTEM RESETTING IC
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
Voltage Detecting, System Resetting IC Series
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
Voltage Detecting, System Resetting IC Series
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com