Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQDH35N03LM5SC Datasheet (PDF) - Infineon Technologies AG

IQDH35N03LM5SC Datasheet PDF - Infineon Technologies AG
Part # IQDH35N03LM5SC
Download  IQDH35N03LM5SC Download
File Size   1082.89 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOS™ 5 Power‑Transistor, 30 V

IQDH35N03LM5SC Datasheet (PDF)

Go To PDF Page Download Datasheet
IQDH35N03LM5SC Datasheet PDF - Infineon Technologies AG

Part # IQDH35N03LM5SC
Download  IQDH35N03LM5SC Click to download

File Size   1082.89 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOS™ 5 Power‑Transistor, 30 V

IQDH35N03LM5SC Datasheet (HTML) - Infineon Technologies AG


IQDH35N03LM5SC Product details

Features
• N‑channel, logic level
• Very low on‑resistance RDS(on)
• Superior thermal resistance
• Optimized design for double side cooling
• 100% avalanche tested
• Pb‑free lead plating; RoHS compliant
• Halogen‑free according to IEC61249‑2‑21




Similar Part No. - IQDH35N03LM5SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IQDH35N03LM5 INFINEON-IQDH35N03LM5 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 30 V
Rev. 2.0, 2023-08-10
IQDH35N03LM5CG INFINEON-IQDH35N03LM5CG Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 30 V
Rev. 2.1, 2023-03-29
IQDH35N03LM5CGSC INFINEON-IQDH35N03LM5CGSC Datasheet
856Kb / 12P
MOSFET OptiMOS™ 5 Power‑Transistor, 30 V
Revision 2.0 2024-06-04
More results


Similar Description - IQDH35N03LM5SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IQE008N03LM5CG INFINEON-IQE008N03LM5CG Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 30 V
Rev.2.0, 2021-04-28
IQE008N03LM5 INFINEON-IQE008N03LM5 Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 30 V
Rev. 2.0, 2021-04-28
IQE030N06NM5 INFINEON-IQE030N06NM5 Datasheet
1Mb / 12P
MOSFET OptiMOS™M 5 Power-Transistor, 60 V
Rev. 2.0, 2021-04-27
IQE030N06NM5CG INFINEON-IQE030N06NM5CG Datasheet
1Mb / 12P
MOSFET OptiMOS™ 5 Power-Transistor, 60 V
Rev. 2.0, 2021-04-27
IQE050N08NM5CG INFINEON-IQE050N08NM5CG Datasheet
1Mb / 12P
MOSFET OptiMOS™M 5 Power-Transistor, 80 V
Rev. 2.0, 2021-04-26
IAUC120N06S5N011 INFINEON-IAUC120N06S5N011 Datasheet
826Kb / 12P
OptiMOS™-5 Power-Transistor
Rev. 1.1 2022-11-21
BSC050N10NS5 INFINEON-BSC050N10NS5 Datasheet
1Mb / 13P
OptiMOS™ 5 Power-Transistor, 100 V
Rev. 2.3, 2021-06-07
IPTG007N06NM5 INFINEON-IPTG007N06NM5 Datasheet
1Mb / 11P
OptiMOS™ 5 Power-Transistor, 60 V
Rev. 2.1, 2021-04-22
IAUTN06S5N008G INFINEON-IAUTN06S5N008G Datasheet
1Mb / 12P
OptiMOS™ 5 Power-Transistor
Rev. 1.0 2023-02-08
IAUS300N08S5N011 INFINEON-IAUS300N08S5N011 Datasheet
1Mb / 10P
OptiMOS™-5 Power-Transistor
Rev. 1.1 2021-01-26
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com