Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5291FP Datasheet (PDF) - Renesas Technology Corp

M5291FP Datasheet PDF - Renesas Technology Corp
Part # M5291FP
Download  M5291FP Download
File Size   148.21 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DC/DC Converter

M5291FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M5291FP Datasheet PDF - Renesas Technology Corp

Part # M5291FP
Download  M5291FP Click to download

File Size   148.21 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DC/DC Converter

M5291FP Datasheet (HTML) - Renesas Technology Corp


M5291FP Product details

Description

M5291 is a semiconductor integrated circuit which is designed for switching regulator control. The device consists of a comparator, controlled pulse width oscillator (with peak current protection circuit), temperature compensated reference, and high current output switch.

Especially, this IC was designed for Step-Down and Step-Up and Voltage-Inverting applications.



Features

•  Wide supply voltage range: 2.5 to 40 V

•  Low dissipation current: 1.4 mA

•  Wide range of output Voltage adjust: 1.17 to 40 V

•  Output switch current: 200 mA

•  Wide range of switching frequency: 100 Hz to 100 kHz

•  Built-in peak current protection circuit



Application

General power supply system




Similar Part No. - M5291FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5291FP MITSUBISHI-M5291FP Datasheet
134Kb / 6P
DC-DC CONVERTER
More results


Similar Description - M5291FP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com