Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8622 Datasheet (PDF) - Analog Devices

AD8622 Datasheet PDF - Analog Devices
Part # AD8622
Download  AD8622 Download
File Size   631.47 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers

AD8622 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8622 Datasheet PDF - Analog Devices

Part # AD8622
Download  AD8622 Click to download

File Size   631.47 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers

AD8622 Datasheet (HTML) - Analog Devices


AD8622 Product details

FEATURES
Input overvoltage protection, 32 V above and below the supply rails
No phase reversal for input voltage up to ±32 V beyond the power supply
Rail-to-rail input and output swing
Low power: 60 μA per amplifier typical
Unity-gain bandwidth
800 kHz typical at VSY = ±15 V
550 kHz typical at VSY = ±5 V
465 kHz typical at VSY = ±1.5 V
Single-supply operation: 3 V to 30 V
Low offset voltage: 300 μV maximum
Large signal voltage gain: 120 dB typical
Unity gain stable
Qualified for automotive applications
APPLICATIONS
Battery monitoring
Sensor conditioners
Portable power supply controls
Portable instrumentation




Similar Part No. - AD8622

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8622 AD-AD8622 Datasheet
69Kb / 4P
Dual, Low Power, Low Noise, Low Bias Current Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8622 AD-AD8622 Datasheet
590Kb / 20P
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD8622 AD-AD8622 Datasheet
550Kb / 20P
30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. A
AD8622 AD-AD8622 Datasheet
550Kb / 20P
30 V, Micropower, Overvoltage Protection
REV. A
AD8622 AD-AD8622 Datasheet
210Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Similar Description - AD8622

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May-2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May-2000
logo
Analog Devices
OP196 AD-OP196 Datasheet
337Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV.B
logo
STMicroelectronics
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
logo
STMicroelectronics
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
Output rail-to-rail micropower operational amplifiers
09-Apr-2008
logo
Analog Devices
ADA4096-2 AD-ADA4096-2 Datasheet
313Kb / 5P
36V, Micropower, Overvoltage Protection, Rail-to-Rail I/O Amplifiers
Rev. PrB
ADA4096-2_1107 AD-ADA4096-2_1107 Datasheet
738Kb / 20P
30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. 0
ADA4096-2_VA AD-ADA4096-2_VA Datasheet
550Kb / 20P
30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. A
ADA4096-2 AD-ADA4096-2_14 Datasheet
667Kb / 24P
30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com