Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4096-2 Datasheet (PDF) - Analog Devices

ADA4096-2 Datasheet PDF - Analog Devices
Part # ADA4096-2
Download  ADA4096-2 Download
File Size   1081.9 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps

ADA4096-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4096-2 Datasheet PDF - Analog Devices

Part # ADA4096-2
Download  ADA4096-2 Click to download

File Size   1081.9 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps

ADA4096-2 Datasheet (HTML) - Analog Devices


ADA4096-2 Product details

FEATURES
Low offset voltage: 60 μV maximum at 25°C (8-lead and 14-lead SOIC)
Low offset voltage drift: 1 μV/°C maximum (8-lead and 14-lead SOIC)
Low input bias current: 1 nA maximum at 25°C
Low voltage noise density: 8 nV/√Hz typical at 1 kHz
Large signal voltage gain (AVO): 100 dB minimum over full supply voltage and operating temperature
Input overvoltage protection to 32 V above and below the supply voltage rail
Integrated EMI filter
70 dB typical rejection at 1000 MHz
90 dB typical rejection at 2400 MHz
Rail-to-rail output swing
Low supply current: 500 μA typical per amplifier
Wide bandwidth
Gain bandwidth product (AV = 100): 3.5 MHz typical
Unity-gain crossover (AV = 1): 3.5 MHz typical
−3 dB bandwidth (AV = 1): 6 MHz typical
Dual-supply operation
Specified at ±5 V to ±15 V, operates over ±2.5 V to ±18 V
Unity-gain stable
No phase reversal
Long-term offset voltage drift (10,000 hours): 2 μV typical
Temperature hysteresis: 2 μV typical
APPLICATIONS
Wireless base station control circuits
Optical network control circuits
Instrumentation
Sensors and controls
Thermocouples, RTDs, strain gages, shunt current measurements




Similar Part No. - ADA4096-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4096-2 AD-ADA4096-2 Datasheet
313Kb / 5P
36V, Micropower, Overvoltage Protection, Rail-to-Rail I/O Amplifiers
Rev. PrB
ADA4096-2 AD-ADA4096-2 Datasheet
550Kb / 20P
30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. A
ADA4096-2 AD-ADA4096-2 Datasheet
709Kb / 24P
22 μA, RRIO, CMOS, 18 V Operational Amplifier
Rev. C
ADA4096-2 AD-ADA4096-2 Datasheet
631Kb / 25P
30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
Rev. G
ADA4096-2 AD-ADA4096-2 Datasheet
852Kb / 24P
22 μA, RRIO, CMOS,18 V Operational Amplifiers
Rev. C
More results


Similar Description - ADA4096-2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
logo
Intersil Corporation
ISL28156_0812 INTERSIL-ISL28156_0812 Datasheet
826Kb / 13P
Low Input Bias Current Op Amps
December 16, 2008
ISL28168 INTERSIL-ISL28168_11 Datasheet
987Kb / 17P
Low Input Bias Current Op Amps
July 25, 2011
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
logo
Analog Devices
ADA4177-1 AD-ADA4177-1 Datasheet
854Kb / 31P
OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
Rev. C
logo
Texas Instruments
TLV387 TI-TLV387 Datasheet
1Mb / 20P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
logo
Maxim Integrated Produc...
MAX40075 MAXIM-MAX40075 Datasheet
1Mb / 14P
10MHz/42MHz Low Noise, Low Bias Op-Amps
2017
logo
Texas Instruments
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387_V02 Datasheet
1Mb / 31P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
TLV387 TI1-TLV387_V03 Datasheet
1Mb / 33P
TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com