Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD820 Datasheet (PDF) - Analog Devices

AD820 Datasheet PDF - Analog Devices
Part # AD820
Download  AD820 Download
File Size   1103.41 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps

AD820 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD820 Datasheet PDF - Analog Devices

Part # AD820
Download  AD820 Click to download

File Size   1103.41 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps

AD820 Datasheet (HTML) - Analog Devices


AD820 Product details

FEATURES
Low offset voltage
B grade: 0.4 mV maximum (ADA4610-1/ADA4610-2 only)
A grade: 1 mV maximum
Low offset voltage drift
B grade: 2 μV/°C maximum (ADA4610-1/ADA4610-2 only)
A grade: 8 μV/°C maximum (SOIC, MSOP, LFCSP packages)
Low input bias current: 5 pA typical
Dual-supply operation: ±5 V to ±15 V
Low voltage noise: 0.45 μV p-p at 0.1 Hz to 10 Hz
Voltage noise density: 7.30 nV/√Hz at f = 1 kHz
Low THD + N: 0.00025%
No phase reversal
Rail-to-rail output
Unity-gain stable
Long-term offset voltage drift (10,000 hours): 5 μV typical
Temperature hysteresis: 8 μV typical
APPLICATIONS
Instrumentation
Medical instruments
Multipole filters
Precision current measurement
Photodiode amplifiers
Sensors
Audio




Similar Part No. - AD820

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD820 AD-AD820 Datasheet
237Kb / 16P
Single Supply, Rail to Rail Low Power FET-Input Op Amp
REV.B
logo
List of Unclassifed Man...
AD820 ETC1-AD820 Datasheet
141Kb / 1P
SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
Analog Devices
AD820 AD-AD820 Datasheet
588Kb / 24P
Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD820 AD-AD820 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
AD820 AD-AD820 Datasheet
428Kb / 24P
Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
More results


Similar Description - AD820

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LTC6240 LINER-LTC6240 Datasheet
522Kb / 28P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LTC6240 LINER-LTC6240_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com