Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP27 Datasheet (PDF) - Analog Devices

OP27 Datasheet PDF - Analog Devices
Part # OP27
Download  OP27 Download
File Size   1058.18 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers

OP27 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP27 Datasheet PDF - Analog Devices

Part # OP27
Download  OP27 Click to download

File Size   1058.18 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers

OP27 Datasheet (HTML) - Analog Devices


OP27 Product details

FEATURES
Rail-to-rail input/output
Low power: 0.625 mA typical per amplifier at ±15 V
Gain bandwidth product: 15.9 MHz at AV = 100 typical
Unity-gain crossover: 9.9 MHz typical
−3 dB closed-loop bandwidth: 13.9 MHz typical at ±15 V
Low offset voltage: 100 μV maximum (SOIC)
Unity-gain stable
High slew rate: 4.6 V/μs typical
Low noise: 3.9 nV/√Hz typical at 1 kHz
Long-term offset voltage drift (10,000 hours): 3 μV typical
Temperature hysteresis: 4 μV typical
APPLICATIONS
Battery-powered instrumentation
High-side and low-side sensing
Power supply control and protection
Telecommunications
Digital-to-analog converter (DAC) output amplifiers
Analog-to-digital converter (ADC) input buffers




Similar Part No. - OP27

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27 AD-OP27 Datasheet
370Kb / 16P
Low-Noise, Precision Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
logo
Maxim Integrated Produc...
OP27 MAXIM-OP27 Datasheet
446Kb / 12P
Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Analog Devices
OP27 AD-OP27 Datasheet
428Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27 AD-OP27 Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27 AD-OP27 Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
More results


Similar Description - OP27

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
Low-Power Rail-to-Rail Input/Output Operational Amplifiers
logo
Analog Devices
ADA4084-1 AD-ADA4084-1 Datasheet
975Kb / 35P
30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
Rev. H
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
1.8 V input/output, rail-to-rail, low power operational amplifiers
12-Mar-2010
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
Low Noise, Rail-to-Rail Output Operational Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com