Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD818 Datasheet (PDF) - Analog Devices

AD818 Datasheet PDF - Analog Devices
Part # AD818
Download  AD818 Download
File Size   563.11 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power Video Op Amp

AD818 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD818 Datasheet PDF - Analog Devices

Part # AD818
Download  AD818 Click to download

File Size   563.11 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power Video Op Amp

AD818 Datasheet (HTML) - Analog Devices


AD818 Product details

FEATURES
Low Cost
Excellent Video Performance
55 MHz 0.1 dB Bandwidth (Gain = +2)
0.01% and 0.05 Differential Gain and Phase Errors
High Speed
130 MHz Bandwidth (3 dB, G = +2)
100 MHz Bandwidth (3 dB, G+ = –1)
500 V/s Slew Rate
80 ns Settling Time to 0.01% (VO = 10 V Step)
High Output Drive Capability
50 mA Minimum Output Current
Ideal for Driving Back Terminated Cables
Flexible Power Supply
Specified for Single (+5 V) and Dual (5 V to 15 V)
Power Supplies
Low Power: 7.5 mA Max Supply Current
Available in 8-Lead SOIC and 8-Lead PDIP




Similar Part No. - AD818

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD818 AD-AD818 Datasheet
353Kb / 12P
Low Cost, Low Power Video Op Amp
AD818 AD-AD818 Datasheet
924Kb / 16P
Low Cost, Low Power Video Op Amp
REV. C
AD8180 AD-AD8180 Datasheet
253Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV.B
AD8180 AD-AD8180 Datasheet
256Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180 Datasheet
256Kb / 12P
10 ns Switching Multiplexers
REV. B
More results


Similar Description - AD818

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD818 AD-AD818 Datasheet
353Kb / 12P
Low Cost, Low Power Video Op Amp
AD828 AD-AD828 Datasheet
256Kb / 12P
Dual, Low Power Video Op Amp
REV.B
logo
Linear Technology
LT1097 LINER-LT1097 Datasheet
184Kb / 12P
Low Cost, Low Power Precision Op Amp
logo
Intersil Corporation
EL2110 INTERSIL-EL2110 Datasheet
102Kb / 6P
Low Cost, Gain of 1, Video Op Amp
November 14, 2002
EL2111 INTERSIL-EL2111 Datasheet
102Kb / 6P
Low Cost, Gain of 2, Video Op Amp
November 14, 2002
logo
Analog Devices
AD818 AD-AD818_03 Datasheet
924Kb / 16P
Low Cost, Low Power Video Op Amp
REV. C
AD828 AD-AD828_02 Datasheet
448Kb / 12P
Dual, Low Power Video Op Amp
REV. C
AD818 AD-AD818_10 Datasheet
563Kb / 15P
Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818_15 Datasheet
563Kb / 15P
Low Cost, Low Power Video Op Amp
REV. D
logo
Linear Technology
LT1097 LINER-LT1097_15 Datasheet
199Kb / 12P
Low Cost, Low Power Precision Op Amp
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com