Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR2705TRPBF Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

IRLR2705TRPBF Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # IRLR2705TRPBF
Download  IRLR2705TRPBF Download
File Size   911.58 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Enhancement Mode Power MOSFET

IRLR2705TRPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLR2705TRPBF Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # IRLR2705TRPBF
Download  IRLR2705TRPBF Click to download

File Size   911.58 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Enhancement Mode Power MOSFET

IRLR2705TRPBF Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


IRLR2705TRPBF Product details

Features
 VDS= 60V, ID= 30A
RDS(ON) < 27 mΩ @ VGS = 10V
RDS(ON) < 33 mΩ @ VGS = 4.5V

General Features
Advanced Trench Technology
Provide Excellent RDS(ON) and Low Gate
Charge
Lead Free and Green Available




Similar Part No. - IRLR2705TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR2705TRPBF IRF-IRLR2705TRPBF Datasheet
266Kb / 11P
Logic-Level Gate Drive
logo
VBsemi Electronics Co.,...
IRLR2705TRPBF VBSEMI-IRLR2705TRPBF Datasheet
988Kb / 6P
N-Channel 6 0-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
IRLR2705TRPBF-TP TECHPUBLIC-IRLR2705TRPBF-TP Datasheet
2Mb / 5P
N-Channel Enhancement Mode MOSFE
More results


Similar Description - IRLR2705TRPBF

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com