Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVD6828NLT4G Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

NVD6828NLT4G Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # NVD6828NLT4G
Download  NVD6828NLT4G Download
File Size   1461.43 Kbytes
Page   5 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Enhancement Mode Power MOSFET

NVD6828NLT4G Datasheet (PDF)

Go To PDF Page Download Datasheet
NVD6828NLT4G Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # NVD6828NLT4G
Download  NVD6828NLT4G Click to download

File Size   1461.43 Kbytes
Page   5 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Enhancement Mode Power MOSFET

NVD6828NLT4G Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


NVD6828NLT4G Product details

Features
VDS= 100 V, ID= 100 A
RDS(ON) < 10 mΩ @ VGS = 10V
RDS(ON) < 23 mΩ @ VGS = 4.5V

General Features
Advanced Trench Technology
Provide Excellent RDS(ON) and Low Gate
Charge
Lead Free and Green Available




Similar Part No. - NVD6828NLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD6828NLT4G ONSEMI-NVD6828NLT4G Datasheet
113Kb / 6P
Power MOSFET 90 V, 20 m, 41 A, Single N.Channel
August, 2012 ??Rev. 0
NVD6828NLT4G ONSEMI-NVD6828NLT4G Datasheet
117Kb / 6P
Power MOSFET
March, 2013 ??Rev. 1
logo
VBsemi Electronics Co.,...
NVD6828NLT4G VBSEMI-NVD6828NLT4G Datasheet
1Mb / 9P
N-Channel 80 V (D-S) MOSFET
More results


Similar Description - NVD6828NLT4G

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com