Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2804NVG Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

P2804NVG Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # P2804NVG
Download  P2804NVG Download
File Size   1165.99 Kbytes
Page   9 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-Channel and P-Channel Enhancement Mode Power MOSFET

P2804NVG Datasheet (PDF)

Go To PDF Page Download Datasheet
P2804NVG Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # P2804NVG
Download  P2804NVG Click to download

File Size   1165.99 Kbytes
Page   9 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-Channel and P-Channel Enhancement Mode Power MOSFET

P2804NVG Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


P2804NVG Product details

Features
• N-Channel: 60V, 6A
RDS(ON)< 30 mΩ@ VGS = 10V
RDS(ON) <33 mΩ@ VGS = 4.5V
• P-Channel: -60V, -6A
RDS(ON)< 37 mΩ@ VGS = -10V
RDS(ON) < 45 mΩ @ VGS = -4.5V

General Features
Advanced Trench Technology
Provide Excellent RDS(ON) and Low Gate
Charge
Lead Free and Green Available




Similar Part No. - P2804NVG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2804NVG ETC2-P2804NVG Datasheet
518Kb / 8P
N- & P-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
P2804NVG VBSEMI-P2804NVG Datasheet
1Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
More results


Similar Description - P2804NVG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com