Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6006HV Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

P6006HV Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # P6006HV
Download  P6006HV Download
File Size   1104.13 Kbytes
Page   5 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description Dual N-Channel Advanced Power MOSFET

P6006HV Datasheet (PDF)

Go To PDF Page Download Datasheet
P6006HV Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # P6006HV
Download  P6006HV Click to download

File Size   1104.13 Kbytes
Page   5 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description Dual N-Channel Advanced Power MOSFET

P6006HV Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


P6006HV Product details

Features
VDS= 60V, ID= 5 A
RDS(ON) < 30 mΩ @ VGS = 10V
RDS(ON) < 36 mΩ @ VGS = 4.5V

General Features
Advanced Trench Technology
Provide Excellent RDS(ON) and Low Gate
Charge
Lead Free and Green Available




Similar Part No. - P6006HV

ManufacturerPart #DatasheetDescription
logo
BYCHIP ELECTRONICS CO.,...
P6006BDG BYCHIP-P6006BDG Datasheet
785Kb / 5P
N-channel Enhancement Mode Power MOSFET
v1.0
More results


Similar Description - P6006HV

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU1H35Q RUICHIPS-RU1H35Q Datasheet
370Kb / 9P
N-Channel Advanced Power MOSFET
RU206G RUICHIPS-RU206G Datasheet
247Kb / 9P
N-Channel Advanced Power MOSFET
RU2090M RUICHIPS-RU2090M Datasheet
305Kb / 9P
N-Channel Advanced Power MOSFET
RU4090L RUICHIPS-RU4090L Datasheet
281Kb / 9P
N-Channel Advanced Power MOSFET
RU30100L RUICHIPS-RU30100L Datasheet
286Kb / 9P
N-Channel Advanced Power MOSFET
RU30J30M RUICHIPS-RU30J30M Datasheet
417Kb / 8P
Dual N-Channel Advanced Power MOSFET
RU30J41M RUICHIPS-RU30J41M Datasheet
445Kb / 11P
Dual N-Channel Advanced Power MOSFET
RUH30J30M RUICHIPS-RUH30J30M Datasheet
422Kb / 8P
Dual N-Channel Advanced Power MOSFET
logo
UN Semiconducctor INC
UN065NN026-S08 UNSEMI-UN065NN026-S08 Datasheet
4Mb / 8P
Dual N-Channel Advanced Power MOSFET
Revision March 1,2022
UN067NN016-S08 UNSEMI-UN067NN016-S08 Datasheet
3Mb / 8P
Dual N-Channel Advanced Power MOSFET
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com