Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8664 Datasheet (PDF) - Maxim Integrated Products

MAX8664 Datasheet PDF - Maxim Integrated Products
Part # MAX8664
Download  MAX8664 Download
File Size   350.12 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Dual-Output, Step-Down Controller with Fast Transient Response

MAX8664 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8664 Datasheet PDF - Maxim Integrated Products

Part # MAX8664
Download  MAX8664 Click to download

File Size   350.12 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Dual-Output, Step-Down Controller with Fast Transient Response

MAX8664 Datasheet (HTML) - Maxim Integrated Products


MAX8664 Product details

General Description
The MAX8664 dual-output PWM controller is a low-cost, high-performance solution for systems requiring dual power supplies. It provides two individual outputs that operate 180° out-of-phase to minimize input current ripple, and therefore, capacitance requirements. Built-in drivers are capable of driving external MOSFETs to deliver up to 25A output current from each channel.

Features
♦ ±0.8% Output Accuracy Over Load and Line
♦ Operates from a Single 4.5V to 28V Supply
♦ Simple Compensation for Any Type of Output
   Capacitor
♦ Internal 6.5V Regulator for Gate Drive
♦ Integrated Boost Diodes
♦ Adjustable Output from 0.6V to 0.9 x VIN
♦ Digital Soft-Start Reduces Inrush Current
♦ 100kHz to 1MHz Adjustable Switching
♦ 180° Out-of-Phase Operation Reduces Input
   Ripple Current
♦ Overcurrent and Overvoltage Protection
♦ External Reference Input for Second Controller
♦ Prebiased Startup Operation

Applications
   Desktop and Notebook PCs
   Graphic Cards
   ASIC/CPU/DSP Power Supplies
   Set-Top Box Power Supply
   Printer Power Supply
   Network Power Supply
   POL Power Supply




Similar Part No. - MAX8664

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
MAX8660 MAXIM-MAX8660 Datasheet
1Mb / 42P
High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 1; 10/06
MAX8660 MAXIM-MAX8660 Datasheet
826Kb / 43P
High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 2; 8/09
MAX8660 MAXIM-MAX8660 Datasheet
1Mb / 44P
High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
2012
MAX8660A MAXIM-MAX8660A Datasheet
1Mb / 42P
High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 1; 10/06
More results


Similar Description - MAX8664

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6725 STMICROELECTRONICS-L6725 Datasheet
533Kb / 27P
Low cost adjustable step-down controller
26-Jun-2006
logo
Linear Technology
LTC3838-1 LINER-LTC3838-1 Datasheet
5Mb / 52P
Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
logo
Advanced Power Electron...
APE8858A A-POWER-APE8858A Datasheet
134Kb / 7P
FAST TRANSIENT RESPONSE LINEAR CONTROLLER
logo
ACE Technology Co., LTD...
ACE500E ACE-ACE500E Datasheet
436Kb / 7P
Fast Transient Response LDO with Adjustable Output Voltage
VER 1.2
logo
Linear Technology
LTC3838 LINER-LTC3838_15 Datasheet
726Kb / 54P
Dual, Fast, Accurate Step- Down DC/DC Controller with Differential Output Sensing
LTC3838-1 LINER-LTC3838-1_15 Datasheet
5Mb / 52P
Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
logo
Maxim Integrated Produc...
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186_18 Datasheet
212Kb / 10P
Fast Transient Response Low Voltage
April, 2018 ??Rev. 3
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com