Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20200CTG Datasheet (PDF) - ON Semiconductor

MBR20200CTG Datasheet PDF - ON Semiconductor
Part # MBR20200CTG
Download  MBR20200CTG Download
File Size   254.58 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch‐mode Power Rectifier Dual Schottky Rectifier

MBR20200CTG Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR20200CTG Datasheet PDF - ON Semiconductor

Part # MBR20200CTG
Download  MBR20200CTG Click to download

File Size   254.58 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch‐mode Power Rectifier Dual Schottky Rectifier

MBR20200CTG Datasheet (HTML) - ON Semiconductor


MBR20200CTG Product details

Features and Benefits
 Low Forward Voltage
 Low Power Loss/High Efficiency
 High Surge Capacity
 175C Operating Junction Temperature
 20 A Total (10 A Per Diode Leg)
 This is a Pb-Free Device*
Applications
 Power Supply − Output Rectification
 Power Management
 Instrumentation
Mechanical Characteristics
 Case: Epoxy, Molded
 Epoxy Meets UL 94, V−0 @ 0.125 in
 Weight: 1.9 Grams (Approximately)
 Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
 Lead Temperatures for Soldering Purposes: 260C Max. for
10 Seconds
 ESD Rating: Human Body Model 3B
Machine Model C




Similar Part No. - MBR20200CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR20200CTG ONSEMI-MBR20200CTG Datasheet
125Kb / 5P
SWITCHMODE Power Rectifier Dual Schottky Rectifier
May, 2008 ??Rev. 9
logo
Kersemi Electronic Co.,...
MBR20200CTG KERSEMI-MBR20200CTG Datasheet
480Kb / 5P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS
More results


Similar Description - MBR20200CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD5H100 ONSEMI-MBRD5H100 Datasheet
70Kb / 5P
Switch-mode Schottky Power Rectifier
April, 2015 ??Rev. 6
SUR180E ONSEMI-SUR180E Datasheet
87Kb / 6P
Switch-mode Schottky Power Rectifier
June, 2015 ??Rev. 0
MBR40250G ONSEMI-MBR40250G Datasheet
86Kb / 7P
Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 14
MBRB1045G ONSEMI-MBRB1045G Datasheet
79Kb / 6P
Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 9
MBRD5H100 ONSEMI-MBRD5H100_16 Datasheet
69Kb / 5P
Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 7
MBRD1035CTL ONSEMI-MBRD1035CTL_16 Datasheet
74Kb / 6P
Switch-mode Schottky Power Rectifier
October, 2016 ??Rev. 11
MBRF2060CTG ONSEMI-MBRF2060CTG Datasheet
59Kb / 4P
Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 9
MBRF2545CTG ONSEMI-MBRF2545CTG Datasheet
59Kb / 4P
Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 9
MBRF20200CTG ONSEMI-MBRF20200CTG Datasheet
59Kb / 4P
Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 8
MBR2030CTLG ONSEMI-MBR2030CTLG Datasheet
88Kb / 5P
Switch-mode Dual Schottky Power Rectifier
January, 2015 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com