Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR30H100CTG Datasheet (PDF) - ON Semiconductor

MBR30H100CTG Datasheet PDF - ON Semiconductor
Part # MBR30H100CTG
Download  MBR30H100CTG Download
File Size   322.09 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Power Rectifier 100 V, 30 A

MBR30H100CTG Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR30H100CTG Datasheet PDF - ON Semiconductor

Part # MBR30H100CTG
Download  MBR30H100CTG Click to download

File Size   322.09 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Power Rectifier 100 V, 30 A

MBR30H100CTG Datasheet (HTML) - ON Semiconductor


MBR30H100CTG Product details

Features and Benefits
 Low Forward Voltage: 0.67 V @ 125C
 Low Power Loss/High Efficiency
 High Surge Capacity
 175C Operating Junction Temperature
 30 A Total (15 A Per Diode Leg)
 These are Pb−Free Devices
Applications
 Power Supply − Output Rectification
 Power Management
 Instrumentation
Mechanical Characteristics:
 Case: Epoxy, Molded
 Epoxy Meets UL 94 V−0 @ 0.125 in
 Weight: 1.9 Grams (Approximately)
 Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
 Lead Temperature for Soldering Purposes:
260C Max. for 10 Seconds
 ESD Rating: Human Body Model = 3B
Machine Model = C




Similar Part No. - MBR30H100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR30H100CTG ONSEMI-MBR30H100CTG Datasheet
71Kb / 6P
SWITCHMODE Power Rectifier 100 V, 30 A
July, 2006 ??Rev. 2
MBR30H100CTG ONSEMI-MBR30H100CTG Datasheet
128Kb / 8P
SWITCHMODE??Power Rectifier
May, 2008 ??Rev. 4
MBR30H100CTG ONSEMI-MBR30H100CTG Datasheet
87Kb / 8P
Switch?릑ode Power Rectifier
July, 2016 ??Rev. 6
More results


Similar Description - MBR30H100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1 Datasheet
58Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
April, 2006 ??Rev. 0
MBRB30H60CT-1 ONSEMI-MBRB30H60CT-1 Datasheet
58Kb / 6P
SWITCHMODE Power Rectifier 60 V, 30 A
April, 2006 ??Rev. 0
MBR30H100CT ONSEMI-MBR30H100CT Datasheet
71Kb / 6P
SWITCHMODE Power Rectifier 100 V, 30 A
July, 2006 ??Rev. 2
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1_07 Datasheet
59Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
March, 2007 ??Rev. 1
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G Datasheet
73Kb / 7P
SWITCHMODE Power Rectifier 60 V, 30 A
March, 2007 ??Rev. 3
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
logo
ON Semiconductor
MBR40250G ONSEMI-MBR40250G_15 Datasheet
107Kb / 7P
Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
MBRD1035CTL ONSEMI-MBRD1035CTL_V01 Datasheet
231Kb / 7P
Schottky Power Rectifier, Switch Mode, 10 A, 35 V
August, 2020 - Rev. 13
logo
STMicroelectronics
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com