Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1130869 Datasheet (PDF) - PHOENIX CONTACT

1130869 Datasheet PDF - PHOENIX CONTACT
Part # 1130869
Download  1130869 Download
File Size   363.37 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCV 6/ 5-GL3-7,62 - PCB connector

1130869 Datasheet (PDF)

Go To PDF Page Download Datasheet
1130869 Datasheet PDF - PHOENIX CONTACT

Part # 1130869
Download  1130869 Click to download

File Size   363.37 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCV 6/ 5-GL3-7,62 - PCB connector

1130869 Datasheet (HTML) - PHOENIX CONTACT


1130869 Product details

PCB headers, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 630 V, contact surface: Sn, contact connection type: Pin, number of potentials: 5, number
of rows: 1, number of positions: 5, number of connections: 5, product range: PCV 6/..-GL, pitch:
7.62 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 2.6 mm, number
of solder pins per potential: 3, plug-in system: COMBICON PC 6, Pin connector pattern
alignment: Standard, locking: Snap-in locking, mounting: Latching flange, type of packaging:
packed in cardboard

Your advantages
• Increased touch protection in the pin connector pattern for maximum safety even when not plugged in
• Intuitive locking mechanism prevents accidental disconnection
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use




Similar Part No. - 1130869

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1130867 PHOENIX-1130867 Datasheet
363Kb / 10P
PCV 6/ 4-GL3-7,62 - PCB connectors
More results


Similar Description - 1130869

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1717035 PHOENIX-1717035 Datasheet
282Kb / 12P
PC 6/ 4-GL3-7,62
1717036 PHOENIX-1717036 Datasheet
290Kb / 12P
PC 6/ 5-GL3-7,62
1717120 PHOENIX-1717120 Datasheet
354Kb / 13P
PCH 6/ 36-GL3-7,62
1720945 PHOENIX-1720945 Datasheet
72Kb / 4P
Housing - PCV 5/ 6-GF-7,62
1190539 PHOENIX-1190539 Datasheet
448Kb / 10P
PCB header - PC 6/ 4-GL3-7,62 P26THR
Jul 20, 2022
1190540 PHOENIX-1190540 Datasheet
448Kb / 10P
PCB header - PC 6/ 5-GL3-7,62 P26THR
Jul 20, 2022
1192610 PHOENIX-1192610 Datasheet
452Kb / 10P
PCB header - PCV 6/ 4-GL3-7,62 P26THR
Jul 20, 2022
1192613 PHOENIX-1192613 Datasheet
452Kb / 10P
PCB header - PCV 6/ 5-GL3-7,62 P26THR
Jul 20, 2022
1192614 PHOENIX-1192614 Datasheet
452Kb / 10P
PCB header - PCV 6/ 6-GL4-7,62 P26THR
Jul 20, 2022
1192629 PHOENIX-1192629 Datasheet
449Kb / 10P
PCB header - PCV 6/ 5-G-7,62 P26THR
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com