Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSC1118 Datasheet (PDF) - GTM CORPORATION

GSC1118 Datasheet PDF - GTM CORPORATION
Part # GSC1118
Download  GSC1118 Download
File Size   236.82 Kbytes
Page   3 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 1A Positive Low Dropout Fixed-mode Regulator With EN Function

GSC1118 Datasheet (PDF)

Go To PDF Page Download Datasheet
GSC1118 Datasheet PDF - GTM CORPORATION

Part # GSC1118
Download  GSC1118 Click to download

File Size   236.82 Kbytes
Page   3 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 1A Positive Low Dropout Fixed-mode Regulator With EN Function

GSC1118 Datasheet (HTML) - GTM CORPORATION


GSC1118 Product details

Description
The GSC1118 is a low dropout positive fixed-mode regulator with minimum of 1A output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V logic supply. GSC1118 is also well suited for other applications such as VGA cards. The product is guaranteed to have <1.4V dropout at full load current making it ideal to provide well regulated outputs 1.5V to 12V with up to 18V input supply. The product offers a TTL-Logic compatible enable pin.

Features
• 1.4V maximum dropout voltage at full load current
• Built-in thermal shutdown
• Output current limiting
• Fixed output voltage 1.5V, 1.8V, 2.5V, 3.3V, 5.0V, 9.0V, 12V
• Fast transient response
• Good noise rejection
• Enable function

Applications
• PC peripheral
• Communication
• CDROM..




Similar Part No. - GSC1118

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSC1118 ETL-GSC1118 Datasheet
241Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118-12 ETL-GSC1118-12 Datasheet
241Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118-15 ETL-GSC1118-15 Datasheet
241Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118-18 ETL-GSC1118-18 Datasheet
241Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118-25 ETL-GSC1118-25 Datasheet
241Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
More results


Similar Description - GSC1118

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1118 ANACHIP-AP1118 Datasheet
175Kb / 10P
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Rev. 1.1 Feb. 15, 2005
AP1119 ANACHIP-AP1119 Datasheet
130Kb / 5P
0.5A Positive Low Dropout Fixed-Mode Regulator With EN Function
Rev. 1.0 Aug 20, 2004
logo
GTM CORPORATION
G5E1118 GTM-G5E1118 Datasheet
233Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
G5M1119 GTM-G5M1119 Datasheet
249Kb / 4P
0.5A Positive Low Dropout Fixed-Mode Regulator with EN Function
G5U1118 GTM-G5U1118 Datasheet
218Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
SeCoS Halbleitertechnol...
S5J1118 SECOS-S5J1118 Datasheet
501Kb / 3P
1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
S5U1118 SECOS-S5U1118 Datasheet
490Kb / 3P
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5E1118 ETL-G5E1118 Datasheet
238Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
G5U1118 ETL-G5U1118 Datasheet
222Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 ETL-GSC1118 Datasheet
241Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
More results




About GTM CORPORATION


GTM Corporation is a Japanese company that specializes in the design, development, and production of high-quality industrial automation systems and equipment. The company was founded in 1989 and is headquartered in Tokyo, Japan.

GTM Corporation offers a wide range of automation solutions, including custom-made systems for manufacturing, assembly, testing, and inspection processes. The company's products are designed to increase production efficiency and quality while reducing costs and waste.

The company's engineering team has extensive experience in developing advanced automation technologies for a variety of industries, including automotive, electronics, and medical equipment. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

GTM Corporation's products are known for their high quality, reliability, and precision. The company uses advanced technologies and materials to develop automation solutions that are efficient, durable, and cost-effective.

Overall, GTM Corporation is a trusted provider of industrial automation solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com