Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSC2118 Datasheet (PDF) - GTM CORPORATION

GSC2118 Datasheet PDF - GTM CORPORATION
Part # GSC2118
Download  GSC2118 Download
File Size   543.56 Kbytes
Page   7 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR

GSC2118 Datasheet (PDF)

Go To PDF Page Download Datasheet
GSC2118 Datasheet PDF - GTM CORPORATION

Part # GSC2118
Download  GSC2118 Click to download

File Size   543.56 Kbytes
Page   7 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR

GSC2118 Datasheet (HTML) - GTM CORPORATION


GSC2118 Product details

Description
The GSC2118 of positive, linear regulator feature low ground current (45μA typ.) with low dropout voltage, making them ideal for battery applications.
Output voltages are set at the factory and trimmed to 1.5% accuracy.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under the “Worst” of operating conditions.
The GSC2118 is stable with an output capacitance of 4.7μF or greater.

Features
• Very Low Dropout Voltage
• Guaranteed 1.5A output
• Over-Temperature Shutdown
• Current Limiting
• Short Circuit Current Fold-back
• Highly Accurate± 1.5%
• LowʳTemperature Coefficient
• Power-Saving Shutdown Mode
• Adjustable Version

Applications
• Battery Powered Widgets
• Instrumentation
• Wireless Devices
• PC Peripherals
• Portable Electronics




Similar Part No. - GSC2118

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSC2118 ETL-GSC2118 Datasheet
550Kb / 7P
1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results


Similar Description - GSC2118

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5U2188 GTM-G5U2188 Datasheet
540Kb / 7P
1.5A CMOS Low Dropout Voltage Regulator
GL2138 GTM-GL2138 Datasheet
432Kb / 5P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GL2148 GTM-GL2148 Datasheet
436Kb / 5P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2138 GTM-GSC2138 Datasheet
543Kb / 7P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2139 GTM-GSC2139 Datasheet
516Kb / 7P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSCLP2951 GTM-GSCLP2951 Datasheet
225Kb / 4P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5J2188 SECOS-S5J2188 Datasheet
1Mb / 7P
1.5A CMOS Low Dropout Voltage Regulator
S5U2188 SECOS-S5U2188 Datasheet
1Mb / 7P
1.5A CMOS Low Dropout Voltage Regulator
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
1.5A Low Dropout Voltage CMOS Regulator
PAM3116 PAM-PAM3116 Datasheet
322Kb / 11P
1.5A Low Dropout Voltage CMOS Regulator
More results




About GTM CORPORATION


GTM Corporation is a Japanese company that specializes in the design, development, and production of high-quality industrial automation systems and equipment. The company was founded in 1989 and is headquartered in Tokyo, Japan.

GTM Corporation offers a wide range of automation solutions, including custom-made systems for manufacturing, assembly, testing, and inspection processes. The company's products are designed to increase production efficiency and quality while reducing costs and waste.

The company's engineering team has extensive experience in developing advanced automation technologies for a variety of industries, including automotive, electronics, and medical equipment. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

GTM Corporation's products are known for their high quality, reliability, and precision. The company uses advanced technologies and materials to develop automation solutions that are efficient, durable, and cost-effective.

Overall, GTM Corporation is a trusted provider of industrial automation solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com