Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJ8S06M3L Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

TJ8S06M3L Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # TJ8S06M3L
Download  TJ8S06M3L Download
File Size   950.18 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description P-channel Enhancement Mode Power MOSFET

TJ8S06M3L Datasheet (PDF)

Go To PDF Page Download Datasheet
TJ8S06M3L Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # TJ8S06M3L
Download  TJ8S06M3L Click to download

File Size   950.18 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description P-channel Enhancement Mode Power MOSFET

TJ8S06M3L Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


TJ8S06M3L Product details

Features
VDS= -60V, ID= -30A
RDS(ON) < 55mΩ @ VGS = -10V
RDS(ON) < 65mΩ @ VGS = -4.5V

General Features
● Advanced Trench Technology
● Provide Excellent RDS(ON) and Low Gate
Charge
● Lead Free and Green Available




Similar Part No. - TJ8S06M3L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TJ8S06M3L TOSHIBA-TJ8S06M3L Datasheet
247Kb / 9P
Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
logo
VBsemi Electronics Co.,...
TJ8S06M3L VBSEMI-TJ8S06M3L Datasheet
989Kb / 8P
P-Channel 60-V (D-S) MOSFET
logo
Toshiba Semiconductor
TJ8S06M3L TOSHIBA-TJ8S06M3L Datasheet
278Kb / 9P
Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.9.0
TJ8S06M3L TOSHIBA-TJ8S06M3L_V01 Datasheet
278Kb / 9P
Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.9.0
More results


Similar Description - TJ8S06M3L

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com