Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSC2596M Datasheet (PDF) - GTM CORPORATION

GSC2596M Datasheet PDF - GTM CORPORATION
Part # GSC2596M
Download  GSC2596M Download
File Size   648.96 Kbytes
Page   6 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 150 KHz, 2A PWM Step-Down DC/DC Converter

GSC2596M Datasheet (PDF)

Go To PDF Page Download Datasheet
GSC2596M Datasheet PDF - GTM CORPORATION

Part # GSC2596M
Download  GSC2596M Click to download

File Size   648.96 Kbytes
Page   6 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 150 KHz, 2A PWM Step-Down DC/DC Converter

GSC2596M Datasheet (HTML) - GTM CORPORATION


GSC2596M Product details

Description
The GSC2596M series of regulators are monolithic integrated circuit that provides all active functions for a step-down (buck) switching regulator, capable of driving 2A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3v, 5v, 12v and an adjustable output version. The GSC2596M series operate at a switching frequency of 150 kHz; thus allowing smaller sized filter components than what would be needed with lower frequency switching regulators. The chips are available in a standard 8-lead SOP-8 package. Other feature include a guaranteed ̈́4% to tolerance on output voltage under specified input voltages and output load conditions. The 150 kHz ̈́15% is on the oscillator frequency. External shutdown is included, featuring 80uA (Typ.) standby current. The output switch includes cycle-by cycle current limiting, as well as thermal shutdown for full protection under fault conditions.

Features
• 3.3V, 5.0V, 12V and adjustable output versions
• Guaranteed 2A output current
• Operating voltage can be up to 22V
• 150kHz fixed frequency internal oscillator
• Built-in TTL On/Off control
• TTL Shutdown Capability
• Uses readily available standard inductors
• Thermal shutdown and current limit protection

Applications
• High-efficiency step-down regulator
• One-ch switching regulators simple
• Positive to negative converter




Similar Part No. - GSC2596M

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
25 Watt Global Performance Switchers
GSC25A SLPOWER-GSC25A Datasheet
246Kb / 2P
25 Watt Global Performance Switchers
GSC25B SLPOWER-GSC25B Datasheet
246Kb / 2P
25 Watt Global Performance Switchers
logo
Mean Well Enterprises C...
GSC25B MEANWELL-GSC25B Datasheet
107Kb / 4P
25W Single Output LED Power Supply
logo
SL Power Electronics
GSC25D SLPOWER-GSC25D Datasheet
246Kb / 2P
25 Watt Global Performance Switchers
More results


Similar Description - GSC2596M

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5E2596M GTM-G5E2596M Datasheet
618Kb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
G5J2596M GTM-G5J2596M Datasheet
620Kb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
G5U2596M GTM-G5U2596M Datasheet
616Kb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
logo
SeCoS Halbleitertechnol...
S5E2596M SECOS-S5E2596M Datasheet
1Mb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
S5J2596M SECOS-S5J2596M Datasheet
1Mb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
S5U2596M SECOS-S5U2596M Datasheet
1Mb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Unisonic Technologies
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
More results




About GTM CORPORATION


GTM Corporation is a Japanese company that specializes in the design, development, and production of high-quality industrial automation systems and equipment. The company was founded in 1989 and is headquartered in Tokyo, Japan.

GTM Corporation offers a wide range of automation solutions, including custom-made systems for manufacturing, assembly, testing, and inspection processes. The company's products are designed to increase production efficiency and quality while reducing costs and waste.

The company's engineering team has extensive experience in developing advanced automation technologies for a variety of industries, including automotive, electronics, and medical equipment. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

GTM Corporation's products are known for their high quality, reliability, and precision. The company uses advanced technologies and materials to develop automation solutions that are efficient, durable, and cost-effective.

Overall, GTM Corporation is a trusted provider of industrial automation solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com