Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9914 Datasheet (PDF) - Maxim Integrated Products

MAX9914 Datasheet PDF - Maxim Integrated Products
Part # MAX9914
Download  MAX9914 Download
File Size   502.61 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown

MAX9914 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9914 Datasheet PDF - Maxim Integrated Products

Part # MAX9914
Download  MAX9914 Click to download

File Size   502.61 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown

MAX9914 Datasheet (HTML) - Maxim Integrated Products


MAX9914 Product details

General Description

The single MAX9914/MAX9915 and dual MAX9916/MAX9917 operational amplifiers feature maximized ratio of gain bandwidth to supply current and are ideal for battery-powered applications such as portable instrumentation, portable medical equipment, and wireless handsets. These CMOS op amps feature an ultra-low 1pA input bias current, rail-to-rail inputs and outputs,

low 20µA supply current, and operate from a single 1.8V to 5.5V supply. For additional power conservation, the MAX9915/MAX9917 feature a low-power shutdown mode that reduces supply current to 1nA, and puts the amplifier outputs in a high-impedance state. These devices are unity-gain stable with a 1MHz gain-band width product.



Features

♦High 1MHz GBW

♦Ultra-Low 20µA Supply Current

♦Single 1.8V to 5.5V Supply Voltage Range

♦Ultra-Low 1pA Input Bias Current

♦Rail-to-Rail Input and Output Voltage Ranges

♦Low ±200µV Input Offset Voltage

♦Low 0.001µA Shutdown Current

♦High-Impedance Output During Shutdown (MAX9915/MAX9917)

♦Unity-Gain Stable

♦Available in Tiny SC70, SOT23, and µMAX Packages



Applications

Portable Medical Devices

Portable Test Equipment

RF Tags

Laptops

Data-Acquisition Equipment




Similar Part No. - MAX9914

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9914EXK+T MAXIM-MAX9914EXK+T Datasheet
838Kb / 12P
1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
2014
MAX9914EXK-T MAXIM-MAX9914EXK-T Datasheet
838Kb / 12P
1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
2014
MAX9914 MAXIM-MAX9914_V01 Datasheet
838Kb / 12P
1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
2014
More results


Similar Description - MAX9914

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9910 MAXIM-MAX9910 Datasheet
514Kb / 15P
200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
logo
ams AG
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
logo
ams AG
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX9912EKA MAXIM-MAX9912EKA Datasheet
508Kb / 17P
200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
logo
Analog Devices
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6432-15 AD-LTC6432-15 Datasheet
1Mb / 20P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Linear Technology
LTC6258 LINER-LTC6258 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6261 LINER-LTC6261 Datasheet
1Mb / 26P
30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Maxim Integrated Produc...
MAX9914 MAXIM-MAX9914_V01 Datasheet
838Kb / 12P
1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com