Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62343P Datasheet (PDF) - Renesas Technology Corp

M62343P Datasheet PDF - Renesas Technology Corp
Part # M62343P
Download  M62343P Download
File Size   125.32 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit D/A Converter (Buffered)

M62343P Datasheet (PDF)

Go To PDF Page Download Datasheet
M62343P Datasheet PDF - Renesas Technology Corp

Part # M62343P
Download  M62343P Click to download

File Size   125.32 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit D/A Converter (Buffered)

M62343P Datasheet (HTML) - Renesas Technology Corp


M62343P Product details

Description
The M62342 and M62343 are CMOS-structure semiconductor integrated circuits incorporating two or three 8-bit D/A converter channels with output buffer op-amps.
Serial data transfer type input can easily be used through a combination of three lines: DI, CLK, and LD.
Outputs incorporate buffer op-amps that have a drive capacity of 1 mA or above for both sink and source, and can operate over the entire voltage range from almost ground to VCC (0 to 5 V), making peripheral elements unnecessary and enabling configuration of a system with few component parts.

Features
• Data transfer format 10-bit serial data input type
• Output buffer op-amps Operable over entire voltage range from almost ground to VCC (0 to 5 V)
• High output current capacity ±1 mA or higher

Application
    Signal gain setting and automatic adjustment in CTV, and display monitors, conversion from digital data to analog data in consumer and industrial products




Similar Part No. - M62343P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62343P MITSUBISHI-M62343P Datasheet
25Kb / 5P
8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Similar Description - M62343P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62342GP RENESAS-M62342GP Datasheet
85Kb / 7P
8-Bit, 2-Channel D-A Converter (Buffered)
M62343GP RENESAS-M62343GP Datasheet
104Kb / 8P
8-Bit, 3-Channel D/A Converter (Buffered)
M62342GP RENESAS-M62342GP_08 Datasheet
119Kb / 8P
8-Bit, 2-Channel D/A Converter (Buffered)
M62342HP RENESAS-M62342HP Datasheet
107Kb / 8P
8-Bit, 2-Channel D/A Converter (Buffered)
M62343GP RENESAS-M62343GP_08 Datasheet
119Kb / 8P
8-Bit, 3-Channel D/A Converter (Buffered)
logo
Analog Devices
PM7528FPZ AD-PM7528FPZ Datasheet
1Mb / 5P
DUAL 8-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTER
REV. C
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
List of Unclassifed Man...
PM7528FS ETC-PM7528FS Datasheet
1Mb / 5P
DUAL 8-BIT BUFFERED MULTIPLING CMOS D/A CONVERTER
logo
Analog Devices
PM7628FP AD-PM7628FP Datasheet
766Kb / 16P
Dual 8-Bit Buffered Multiplying CMOS D/A Converter
REV. A
logo
Renesas Technology Corp
M62342P RENESAS-M62342P_15 Datasheet
167Kb / 9P
8-Bit D/A Converter (Buffered)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com