Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20111SP Datasheet (PDF) - Renesas Technology Corp

R2A20111SP Datasheet PDF - Renesas Technology Corp
Part # R2A20111SP
Download  R2A20111SP Download
File Size   308.79 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Power Factor Correction Controller IC

R2A20111SP Datasheet (PDF)

Go To PDF Page Download Datasheet
R2A20111SP Datasheet PDF - Renesas Technology Corp

Part # R2A20111SP
Download  R2A20111SP Click to download

File Size   308.79 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Power Factor Correction Controller IC

R2A20111SP Datasheet (HTML) - Renesas Technology Corp


R2A20111SP Product details

Description

The R2A20111 is a power-factor correction (PFC) controller IC. This IC adopts continuous conduction mode as PFC operation. Various functions such as constant power limit, overvoltage detection, overcurrent detection, soft start, feedback-loop disconnection detection, and holding function of PFC operation through momentary outage (PFC hold function) are incorporated in a single chip. These functions reduce external circuitry.

The constant power limit function allows to eliminate a significant amount of coil noise which is generated due to overcurrent detection operation in case of conventional overload. The PFC hold function enables quick recovery by continuing PFC operation after momentary outage. The hold time can be adjusted by an external capacitance. Overcurrent detection pin is separately provided. Latch mode shutdown function is incorporated. A soft-start control pin provides for the easy adjustment of soft-start operation, and can be used to prevent overshooting of the output voltage.



Features

• Maximum ratings

⎯ Power-supply voltage Vcc: 24 V

⎯ Operating junction temperature Tjopr: – 40 to 125°C

• Electrical characteristics

⎯ VREF output voltage VREF: 5.0 V ± 3%

⎯ UVLO operation start voltage VH: 10.5 ± 0.9 V

⎯ UVLO operation stop voltage VL: 9.0 ± 0.7 V

⎯ PFC output maximum ON duty Dmax-out: 95% (typ.)

• Functions

⎯ Constant power limit function

⎯ Continuous conduction mode

⎯ Hold function of PFC operation on momentary outage (PFC hold function)

⎯ Overvoltage detection

⎯ Overcurrent detection

⎯ Soft start

⎯ Feedback loop disconnection detection

⎯ IC shutdown function

⎯ Package lineup: SOP-16 and DILP-16



Applications

• Flat panel display

• Projector

• Desktop PC

• White goods




Similar Part No. - R2A20111SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP Datasheet
124Kb / 8P
Power Factor Correction Controller IC
R2A20111SPW0 RENESAS-R2A20111SPW0 Datasheet
124Kb / 8P
Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_09 Datasheet
124Kb / 8P
Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_15 Datasheet
139Kb / 10P
Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_16 Datasheet
266Kb / 8P
Power Factor Correction Controller IC
More results


Similar Description - R2A20111SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
Power Factor Correction Controller IC
HA16174P RENESAS-HA16174P Datasheet
352Kb / 37P
Power Factor Correction Controller IC
R2A20115SP RENESAS-R2A20115SP Datasheet
128Kb / 8P
Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_09 Datasheet
124Kb / 8P
Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_15 Datasheet
139Kb / 10P
Power Factor Correction Controller IC
R2A20115SP RENESAS-R2A20115SP_15 Datasheet
144Kb / 10P
Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_16 Datasheet
266Kb / 8P
Power Factor Correction Controller IC
logo
Rohm
BD7690FJ ROHM-BD7690FJ Datasheet
2Mb / 26P
Power Factor Correction Controller IC
BD7692FJ ROHM-BD7692FJ Datasheet
2Mb / 26P
Power Factor Correction Controller IC
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
Power Factor Correction Controller IC
15.Jul.2022 Rev.001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com