Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8641 Datasheet (PDF) - Analog Devices

AD8641 Datasheet PDF - Analog Devices
Part # AD8641
Download  AD8641 Download
File Size   502.16 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power JFET-Input Op Amps

AD8641 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8641 Datasheet PDF - Analog Devices

Part # AD8641
Download  AD8641 Click to download

File Size   502.16 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power JFET-Input Op Amps

AD8641 Datasheet (HTML) - Analog Devices


AD8641 Product details

FEATURES
Low input bias current: 50 pA maximum
Offset voltage
1.5 mV maximum for B grade (ADA4062-2 SOIC package)
2.5 mV maximum for A grade
Offset voltage drift: 5 μV/°C typical
Slew rate: 3.3 V/μs typical
CMRR: 90 dB typical
Low supply current: 165 μA typical
High input impedance
Unity-gain stable
±5 V to ±15 V dual-supply operation
Packaging
8-lead SOIC, 8-lead MSOP, 10-lead LFCSP, 14-lead TSSOP, and 16-lead LFCSP packages
APPLICATIONS
Power controls and monitoring
Active filters
Industrial/process controls
Body probe electronics
Data acquisition
Integrators
Input buffering




Similar Part No. - AD8641

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8641 AD-AD8641 Datasheet
327Kb / 12P
Low Power, Rail-to-Rail Output Precision JFET Amplifier
AD8641 AD-AD8641 Datasheet
383Kb / 16P
Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8641 AD-AD8641 Datasheet
321Kb / 15P
Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. F
AD8641AKSZ-R2 AD-AD8641AKSZ-R2 Datasheet
327Kb / 12P
Low Power, Rail-to-Rail Output Precision JFET Amplifier
AD8641AKSZ-R2 AD-AD8641AKSZ-R2 Datasheet
383Kb / 16P
Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
More results


Similar Description - AD8641

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1057 LINER-LT1057 Datasheet
869Kb / 12P
Dual and Quad, JFET Input Precision High Speed Op Amps
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
Dual Low Noise, Precision, JFET Input Op Amps
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
Low Noise, Precision, JFET Input Op Amp
logo
Analog Devices
ADA4062-2 AD-ADA4062-2 Datasheet
489Kb / 20P
Tiny, Low Power JFET-Input Op Amp
REV. 0
logo
Linear Technology
LT1057 LINER-LT1057_1 Datasheet
261Kb / 16P
Dual and Quad, JFET Input Precision High Speed Op Amps
logo
Intersil Corporation
ISL28156_0812 INTERSIL-ISL28156_0812 Datasheet
826Kb / 13P
Low Input Bias Current Op Amps
December 16, 2008
ISL28168 INTERSIL-ISL28168_11 Datasheet
987Kb / 17P
Low Input Bias Current Op Amps
July 25, 2011
logo
Linear Technology
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
Low Noise, Precision, JFET Input Op Amp
LT1057 LINER-LT1057_15 Datasheet
337Kb / 16P
Dual and Quad, JFET Input Precision High Speed Op Amps
LT1057 LINER-LT1057_12 Datasheet
337Kb / 16P
Dual and Quad, JFET Input Precision High Speed Op Amps
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com