Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4859-3 Datasheet (PDF) - Analog Devices

ADA4859-3 Datasheet PDF - Analog Devices
Part # ADA4859-3
Download  ADA4859-3 Download
File Size   380.73 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump

ADA4859-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4859-3 Datasheet PDF - Analog Devices

Part # ADA4859-3
Download  ADA4859-3 Click to download

File Size   380.73 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump

ADA4859-3 Datasheet (HTML) - Analog Devices


ADA4859-3 Product details

FEATURES
Integrated charge pump
Supply range: 3 V to 5.5 V
Output range: −3.3 V to −1.8 V
50 mA maximum output current at −3 V for external use
High speed amplifiers
−3 dB bandwidth: 195 MHz
Slew rate: 740 V/μs
0.1 dB gain flatness: 60 MHz
0.1% settling time: 20 ns
Low power
Total quiescent current: 38 mA
Power-down feature
High input common-mode voltage range
−1.8 V to +3.8 V at +5 V supply
Current feedback architecture
Differential gain error: 0.01%
Differential phase error: 0.02°
Available in 16-lead LFCSP
APPLICATIONS
Professional video
Consumer video
Imaging
Active filters




Similar Part No. - ADA4859-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4859-3 AD-ADA4859-3 Datasheet
442Kb / 16P
Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
REV. 0
ADA4859-3ACP-EBZ AD-ADA4859-3ACP-EBZ Datasheet
425Kb / 17P
Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
Rev. A
ADA4859-3ACPZ-R2 AD-ADA4859-3ACPZ-R2 Datasheet
442Kb / 16P
Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
REV. 0
ADA4859-3ACPZ-R2 AD-ADA4859-3ACPZ-R2 Datasheet
425Kb / 17P
Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
Rev. A
ADA4859-3ACPZ-R7 AD-ADA4859-3ACPZ-R7 Datasheet
442Kb / 16P
Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
REV. 0
More results


Similar Description - ADA4859-3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59833 INTERSIL-ISL59833 Datasheet
339Kb / 15P
200MHz Single Supply Video Driver With Charge Pump
March 5, 2007
logo
Analog Devices
ADA4856-3 AD-ADA4856-3 Datasheet
513Kb / 20P
Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
REV. 0
ADA4858-3 AD-ADA4858-3 Datasheet
468Kb / 16P
Single-Supply, High Speed, Triple Op Amp with Charge Pump
REV. 0
ADA4859-3 AD-ADA4859-3 Datasheet
442Kb / 16P
Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
REV. 0
logo
Intersil Corporation
ISL59833IAZ INTERSIL-ISL59833IAZ Datasheet
342Kb / 15P
200MHz Single Supply Video Driver With Charge Pump
March 5, 2007
logo
Analog Devices
ADA4856-3 AD-ADA4856-3_16 Datasheet
573Kb / 21P
Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
Rev. B
ADA4858-3 AD-ADA4858-3_16 Datasheet
439Kb / 21P
Single-Supply, High Speed, Triple Op Amp with Charge Pump
Rev. B
ADA4859-3 AD-ADA4859-3_16 Datasheet
425Kb / 17P
Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
Rev. A
logo
Renesas Technology Corp
ISL59833 RENESAS-ISL59833 Datasheet
719Kb / 15P
200MHz Single Supply Video Driver With Charge Pump
ISL59832 RENESAS-ISL59832 Datasheet
1Mb / 15P
Dual Channel, Single Supply Video Reconstruction Filter with Charge Pump
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com