Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF213 Datasheet (PDF) - Micrel Semiconductor

MICRF213 Datasheet PDF - Micrel Semiconductor
Part # MICRF213
Download  MICRF213 Download
File Size   974.46 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V, QwikRadio짰 315MHz Receiver

MICRF213 Datasheet (PDF)

Go To PDF Page Download Datasheet
MICRF213 Datasheet PDF - Micrel Semiconductor

Part # MICRF213
Download  MICRF213 Click to download

File Size   974.46 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V, QwikRadio짰 315MHz Receiver

MICRF213 Datasheet (HTML) - Micrel Semiconductor


MICRF213 Product details

General Description

The MICRF213 is a general purpose, 3.3V QwikRadio Receiver thatoperates at 315MHz with typical sensitivity

of -110dBm.



Features

•  Up to –110dBm sensitivity, 1kbps and BER 10E-02

•  Image Rejection Mixer

•  Frequency from 300MHz to 350MHz

•  Low current consumption: 3.9mA @ 315MHz, continuous ondata rates to 7.2kbps (Manchester Encoded)

• Analog RSSI Output

•  No IF filter required

•  Excellent selectivity and noise rejection

•  Low external part count



 




Similar Part No. - MICRF213

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF213 MICREL-MICRF213 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
MICRF213AYQS MICREL-MICRF213AYQS Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
MICRF213 MICREL-MICRF213_11 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
More results


Similar Description - MICRF213

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF211 MICREL-MICRF211 Datasheet
933Kb / 18P
3V, QwikRadio짰 433.92 MHz Receiver
MICRF218 MICREL-MICRF218 Datasheet
1Mb / 24P
3.3V, QwikRadio짰 300 MHz to 450 MHz Receiver
logo
Maxim Integrated Produc...
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
logo
Micrel Semiconductor
MICRF213 MICREL-MICRF213_11 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
MICRF002 MICREL-MICRF002_08 Datasheet
377Kb / 17P
300-440MHz QwikRadio짰 ASK Receiver
logo
Maxim Integrated Produc...
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
logo
Micrel Semiconductor
MICRF221 MICREL-MICRF221_15 Datasheet
923Kb / 26P
3.3V, QwikRadio짰 850 MHz to 950 MHz Receiver
MICRF007 MICREL-MICRF007_04 Datasheet
775Kb / 13P
QwikRadio짰 Low-Power UHF Receiver
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com